Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFC233828307 Fiches technique(PDF) 10 Page - Vishay Siliconix

No de pièce BFC233828307
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233828307 Fiches technique(HTML) 10 Page - Vishay Siliconix

Back Button BFC233828307 Datasheet HTML 6Page - Vishay Siliconix BFC233828307 Datasheet HTML 7Page - Vishay Siliconix BFC233828307 Datasheet HTML 8Page - Vishay Siliconix BFC233828307 Datasheet HTML 9Page - Vishay Siliconix BFC233828307 Datasheet HTML 10Page - Vishay Siliconix BFC233828307 Datasheet HTML 11Page - Vishay Siliconix BFC233828307 Datasheet HTML 12Page - Vishay Siliconix BFC233828307 Datasheet HTML 13Page - Vishay Siliconix BFC233828307 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Document Number: 28119
For technical questions, contact: rfi@vishay.com
www.vishay.com
Revision: 16-Jul-09
154
MKP 338 2 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
Notes
(1)
H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2)
Reel diameter = 356 mm is available on request
(3)
Weight for short lead product only
Notes
(1)
H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2)
Reel diameter = 356 mm is available on request
(3)
Weight for short lead product only
Pitch: 22.5 mm; C-tol. = ± 10 %
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
REEL (500 mm) (1) (2)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
± 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.12
6.0 x 15.5 x 26.0
2.4
29169
29175
300
29181
250
29271
600
0.15
29171
29176
29182
29272
0.18
29172
29177
200
29183
250
29273
500
0.22
29173
29178
29184
29274
0.27
29174
29179
29185
29275
0.33
28134
28334
28534
28934
450
0.39
7.0 x 16.5 x 26.0
2.9
28135
28335
200
28535
250
28935
450
0.47
28136
28336
28536
200
28936
350
0.56
8.5 x 18.0 x 26.0
3.8
28137
28337
28537
28937
0.68
10.0 x 19.5 x 26.0
6.8
28138
28338
150
28538
28938
300
0.82
28139
28339
28539
28939
Pitch: 22.5 mm; C-tol. = ± 5 %
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
REEL (500 mm) (1) (2)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
± 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.33
7.0 x 16.5 x 26.0
2.9
28234
28434
200
28634
250
28954
450
0.39
28235
28435
28635
28955
0.47
8.5 x 18.0 x 26.0
3.8
28236
28436
200
28636
200
28956
350
0.56
28237
28437
28637
28957
0.68
10.0 x 19.5 x 26.0
6.8
28238
28438
150
28638
200
28958
300
0.82
12.0 x 22.0 x 26.0
7.8
28239
28439
150
28639
200
28959
300


Numéro de pièce similaire - BFC233828307

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BFC233820 VISHAY-BFC233820 Datasheet
174Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
logo
Texas Instruments
BFC233820103 TI1-BFC233820103 Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
logo
Vishay Siliconix
BFC233820104 VISHAY-BFC233820104 Datasheet
174Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 24-Jan-13
BFC233820222 VISHAY-BFC233820222 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
BFC233820223 VISHAY-BFC233820223 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results

Description similaire - BFC233828307

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com