Moteur de recherche de fiches techniques de composants électroniques |
|
BFC233828112 Fiches technique(PDF) 11 Page - Vishay Siliconix |
|
BFC233828112 Fiches technique(HTML) 11 Page - Vishay Siliconix |
11 / 19 page www.vishay.com For technical questions, contact: rfi@vishay.com Document Number: 28119 155 Revision: 16-Jul-09 MKP 338 2 X2 Vishay BCcomponents Interference Suppression Film Capacitors MKP Radial Potted Type Note (1) Weight for short lead product only Note (1) Weight for short lead product only Note (1) Weight for short lead product only Pitch: 27.5 mm; C-tol. = ± 20 % C (µF) DIMENSIONS w xh xl (mm) MASS (g) (1) CATALOG NUMBER BFC2 338 ..... AND PACKAGING LOOSE IN BOX Short leads Long leads lt = 3.5 mm ± 0.5 mm lt = 5.0 mm ± 1.0 mm SPQ lt = 25.0 mm ± 2.0 mm SPQ Pitch = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm 0.39 9.0 x 19.0 x 31.5 5.5 21394 23394 100 25394 150 0.47 21474 23474 25474 0.56 21564 23564 25564 125 0.68 21684 23684 25684 0.82 21824 23824 25824 1.0 11.0 x 21.0 x 31.0 7.4 21105 23105 25105 1.2 20125 22125 24125 1.5 13.0 x 23.0 x 31.0 9.2 20155 22155 24155 1.8 20185 22185 24185 100 2.2 15.0 x 25.0 x 31.5 12.3 20225 22225 24225 2.7 18.0 x 28.0 x 31.5 16.1 20275 22275 50 24275 75 3.3 20335 22335 24335 31.0 mm Pitch: 27.5 mm C-tol. = ± 10 % C (µF) DIMENSIONS w xh xl (mm) MASS (g) (1) CATALOG NUMBER BFC2 338 ..... AND PACKAGING LOOSE IN BOX Short leads Long leads lt = 3.5 mm ± 0.5 mm (2) lt = 5.0 mm ± 1.0 mm SPQ lt = 25.0 mm ± 2.0 mm SPQ Pitch = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm 1.0 11.0 x 21.0 x 31.0 7.4 28141 28341 100 28541 125 1.2 28142 28342 28542 1.5 13.0 x 23.0 x 31.0 9.2 28143 28343 28543 1.8 15.0 x 25.0 x 31.5 12.3 28144 28344 28544 100 2.2 28145 28345 50 28545 75 2.7 18.0 x 28.0 x 31.5 16.1 28146 28346 28546 Pitch: 27.5 mm; C-tol. = ± 5 % C (µF) DIMENSIONS w xh xl (mm) MASS (g) (1) CATALOG NUMBER BFC2 338 ..... AND PACKAGING LOOSE IN BOX Short leads Long leads lt = 3.5 ± 0.5 mm lt = 5.0 ± 1.0 mm SPQ lt = 25.0 ± 2.0 mm SPQ Pitch = 27.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm 1 11.0 x 21.0 x 31.0 7.4 28241 28441 100 28641 125 1.2 13.0 x 23.0 x 31.0 9.2 28242 28442 100 28642 125 1.5 28243 28443 28643 1.8 15.0 x 25.0 x 31.5 12.3 28244 28444 100 28644 100 2.2 18.0 x 28.0 x 31.5 16.1 28245 28445 50 28645 75 2.7 28246 28446 28646 |
Numéro de pièce similaire - BFC233828112 |
|
Description similaire - BFC233828112 |