Moteur de recherche de fiches techniques de composants électroniques |
|
BFC233826223 Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
BFC233826223 Fiches technique(HTML) 2 Page - Vishay Siliconix |
2 / 19 page Document Number: 28119 For technical questions, contact: rfi@vishay.com www.vishay.com Revision: 16-Jul-09 146 MKP 338 2 X2 Interference Suppression Film Capacitors MKP Radial Potted Type Vishay BCcomponents COMPOSITION OF CATALOG NUMBER SPECIFIC REFERENCE DATA TYPE PACKAGING STANDARD DIMENSIONS C-TOL. PREFERRED TYPES 338 2 X2 Loose in box Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm ± 20 % BFC2 338 20... Lead length 5.0 mm ± 1.0 mm BFC2 338 22... Lead length 25.0 mm ± 2.0 mm BFC2 338 24... Taped (2) Pitch 7.5 mm or bent back to 7.5 mm BFC2 338 26... PACKAGING ALTERNATIVE LARGER PITCH SIZES C-TOL. ON REQUEST Loose in box Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm ± 20 % See tables for details Lead length 5.0 mm ± 1.0 mm Lead length 25.0 mm ± 2.0 mm PACKAGING ALTERNATIVE TAPED VERSION (1) ON REQUEST Taped (2) Ammopack: H = 18.5 mm; P0 = 12.7 mm ± 5 % ± 10 % ± 20 % See tables for details Reel: Pitch 7.5 mm (bent back) H = 16.0 mm; P0 = 15.0 mm PACKAGING ALTERNATIVE C-TOL ON REQUEST Loose in box Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm ± 10 % ± 5 % Lead length 5.0 mm ± 1.0 mm Lead length 25.0 mm ± 2.0 mm See tables for details Taped (2) Pitch 7.5 mm or bent back to 7.5 mm H = 18.5 mm; P0 =12.7mm Notes (1) Taped on reel pitch = 27.5 mm is not available (2) For detailed tape specifications refer to “Packaging Information” www.vishay.com/doc?28139 or end of catalog (3) SPQ = Standard Packaging Quantity MULTIPLIER (nF) 0.1 2 13 10 4 100 5 CAPACITANCE (numerically) Example: 104 = 10 x 10 = 100 nF TYPE AND PITCHES 338 2 X2 7.5 mm 7.5 mm (bent back) 10.0 mm 15.0 mm 22.5 mm 27.5 mm BFC2 338 2X XX X 2222(*) 338 2X XX X (*) Old ordering code DESCRIPTION VALUE Rated AC voltage (URac) 310 V Permisssible DC voltage (URdc) 630 V Tangent of loss angle: at 1 kHz at 10 kHz C ≤ 470 nF ≤ 10 x 10-4 ≤ 20 x 10-4 470 nF < C ≤ 1µF ≤ 20 x 10-4 ≤ 70 x 10-4 C>1 µF ≤ 30 x 10-4 - Rated voltage pulse slope (dU/dt)R at 435 Vdc Pitch = 7.5 mm 600 V/µs Pitch = 10 mm 600 V/µs Pitch = 15 mm and 7.5 mm (bent back) 400 V/µs Pitch = 22.5 mm 150 V/µs Pitch = 27.5 mm 100 V/µs R between leads, for C ≤ 0.33 µF at 100 V; 1 min > 15 000 M Ω RC between leads, for C > 0.33 µF at 100 V; 1 min > 5000 s R between leads and case; 100 V; 1 min > 30 000 M Ω Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s: C ≤ 1µF 2200 V; 1 min C>1µF 1800 V; 1 min Withstanding (AC) voltage between leads and case 2120 V; 1 min Max. application temperature for 0.001 µF ≤ C ≤ 0.47 µF 110 °C (125 °C for less than 1000 h) Max. application temperature for C > 0.47 µF 110 °C |
Numéro de pièce similaire - BFC233826223 |
|
Description similaire - BFC233826223 |