Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1025ARQ-REEL Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce ADM1025ARQ-REEL
Description  Low Cost PC Hardware Monitor ASIC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1025ARQ-REEL Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button ADM1025ARQ-REEL Datasheet HTML 2Page - ON Semiconductor ADM1025ARQ-REEL Datasheet HTML 3Page - ON Semiconductor ADM1025ARQ-REEL Datasheet HTML 4Page - ON Semiconductor ADM1025ARQ-REEL Datasheet HTML 5Page - ON Semiconductor ADM1025ARQ-REEL Datasheet HTML 6Page - ON Semiconductor ADM1025ARQ-REEL Datasheet HTML 7Page - ON Semiconductor ADM1025ARQ-REEL Datasheet HTML 8Page - ON Semiconductor ADM1025ARQ-REEL Datasheet HTML 9Page - ON Semiconductor ADM1025ARQ-REEL Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADM1025/ADM1025A
Preliminary Technical Data
Rev. P5 | Page 6 of 21| www.onsemi.com
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3.Pin Configuration
Table 3. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
SDA
Digital I/O. Serial bus bidirectional data. Open-drain output.
2
SCL
Digital Input. Serial bus clock.
3
GND
System Ground
4
VCC
Power. Can be powered by 3.3 V standby power if monitoring in low power states is required. This pin also
serves as the analog input to monitor VCC.
5
VID0
Digital Input. Core voltage ID readouts from the processor. This value is read into the VID0−VID3 Status
Register. It has an on-chip 100 kΩ pull-up resistor (ADM1025 only).
6
VID1
Digital Input. Core voltage ID readouts from the processor. This value is read into the VID0−VID3 Status
Register. It has an on-chip 100 kΩ pull-up resistor (ADM1025 only).
7
VID2
Digital Input. Core voltage ID readouts from the processor. This value is read into the VID0−VID3 Status
Register. It has an on-chip 100 kΩ pull-up resistor (ADM1025 only).
8
VID3
Digital Input. Core voltage ID readouts from the processor. This value is read into the VID0−VID3 Status
Register. It has an on-chip 100 kΩ pull-up resistor (ADM1025 only).
9
D−/NTI
Analog/Digital Input. Connected to cathode of external temperature sensing diode. If held high at power-up, it
initiates NAND tree test mode.
10
D+
Analog Input. Connected to anode of external temperature sensing diode.
11
12VIN/VID4
Programmable Analog/Digital Input. Defaults to 12 VIN analog input at power-up but may be pro-grammed as
VID4 Core Voltage ID readout from the processor. This value is read into the VID4 Status Register. In analog 12
VIN mode, it has an on-chip voltage attenuator. In VID4 mode, it has an on-chip 300 kΩ pull-up resistor.
12
5VIN
Analog Input. Monitors 5 V supply.
13
3.3VIN
Analog Input. Monitors 3.3 V supply.
14
2.5VIN
Analog Input. Monitors 2.5 V supply.
15
VCCPIN
Analog Input. Monitors processor core voltage (0 V to 3.0 V).
16
ADD/RST/INT/NTO
Programmable Digital I/O. The lowest order programmable bit of the SMBus Address, sampled on SMB activity
as a three-state input. Can also be configured to give a minimum 20 ms low reset output pulse. Alternatively, it
can be programmed as an interrupt output for temperature/voltage interrupts. Functions as the output of the
NAND tree in NAND tree test mode.


Numéro de pièce similaire - ADM1025ARQ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1025ARQ AD-ADM1025ARQ Datasheet
164Kb / 16P
   Low-Cost PC Hardware Monitor ASIC
REV. A
More results

Description similaire - ADM1025ARQ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1025 AD-ADM1025 Datasheet
164Kb / 16P
   Low-Cost PC Hardware Monitor ASIC
REV. A
ADM1022 AD-ADM1022 Datasheet
190Kb / 19P
   Low-Cost PC Temperature Monitor and Fan Control ASIC
REV. 0
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
ADM1040 AD-ADM1040 Datasheet
42Kb / 1P
   Power Supply Monitor ASIC
REV. PrG 01/01
logo
Faraday Technology
TFV1350F FARADAY-TFV1350F Datasheet
56Kb / 2P
   LOW COST MONITOR FILTERS
TFM1350F FARADAY-TFM1350F Datasheet
71Kb / 2P
   LOW COST MONITOR FILTERS
logo
Analog Devices
EVAL-ADM1028 AD-EVAL-ADM1028 Datasheet
216Kb / 9P
   Evaluation Board for PC Temperature Monitor and Fan Control ASIC
REV. PrA 05/2000
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
[Old version datasheet]   TruTherm Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com