Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


PT2315 Datasheet(Fiches technique) 1 Page - Princeton Technology Corp

Numéro de pièce PT2315
Description  2-Channel Audio Processor IC 
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PTC [Princeton Technology Corp]
Site Internet  http://www.princeton.com.tw
Logo 

   
 1 page
background image
Princeton Technology Corp.
Tel : 886-2-29162151
Fax : 886-2-29174598
URL:http://www.princeton.com.tw
2-Channel Audio Processor IC
PT2315
1
Description
PT2315 is a two-channel digital audio processor utilizing CMOS Technology. Volume,
Bass, Treble and Balance Controls are incorporated into a single chip. Loudness
Function is also provided to build a highly effective electronic audio processor having
the highest performance and reliability with the least external components. All functions
are programmable using the I
2C Bus. The pin assignments and application circuit are
optimized for easy PCB layout and cost saving advantage for audio application. Housed
in a 20-pin DIP/SO Package, PT2315 is pin-to-pin compatible with TDA7315 and is very
similar in performance with the later.
Features
!
CMOS Technology
!
Least External Components
!
Treble and Bass Control
!
Loudness Function
!
Input/Output for External Noise Reduction System/Equalizer
!
2 Independent Speaker Controls for Balance Function
!
Independent Mute Function
!
Volume Control in 1.25 dB/step
!
Low Distortion
!
Low Noise and DC Stepping
!
Controlled by I
2C Bus Micro-Processor Interface
!
Pin-to-pin Compatible with TDA7315
Applications
!"""""Car Stereo (Audio)
!
Hi-Fi Audio System
!
Can be used in all I
2C System Applications
Note: Purchase of I
2C Component of Princeton Technology Corporation (PTC) conveys a license under Philips I2C
Patent Right to use these components in any I
2C System, provided that the system conforms to the I2C Standard
Specification defined by Philips




Html Pages

1  2  3 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
PT23144-Channel Input Audio Processor IC  1 2 3 Princeton Technology Corp
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
TFA9843J2-channel audio amplifier SE: 1 W to 20 W or BTL: 4 W to 40 W 1 2 3 4 5 MoreNXP Semiconductors
M61511FPAUDIO SIGNAL PROCESSOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
SA5752Audio processor - companding VOX and amplifier section 1 2 3 4 5 MoreNXP Semiconductors
TDA7312DIGITAL CONTROLLED STEREO AUDIO PROCESSOR 1 2 3 4 5 MoreSTMicroelectronics
TDA7401DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER 1 2 3 4 5 MoreSTMicroelectronics
TDA7464DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER 1 2 3 4 5 MoreSTMicroelectronics
TC9331FAUDIO DIGITAL SIGNAL PROCESSOR 1 2 3 4 5 MoreToshiba Semiconductor
BA7797FVCR standard audio signal processor 1 2 3 4 5 MoreRohm

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl