Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS22946YZPR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS22946YZPR
Description  ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS22946YZPR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS22946YZPR Datasheet HTML 7Page - Texas Instruments TPS22946YZPR Datasheet HTML 8Page - Texas Instruments TPS22946YZPR Datasheet HTML 9Page - Texas Instruments TPS22946YZPR Datasheet HTML 10Page - Texas Instruments TPS22946YZPR Datasheet HTML 11Page - Texas Instruments TPS22946YZPR Datasheet HTML 12Page - Texas Instruments TPS22946YZPR Datasheet HTML 13Page - Texas Instruments TPS22946YZPR Datasheet HTML 14Page - Texas Instruments TPS22946YZPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PARAMETER MEASUREMENT INFORMATION
ON(A)
OFF
TPS22946
GND
GND
GND
RL
CL
VOUT
VIN
CIN =1 F
µ
+
90%
90%
VOUT
tr
tf
10%
10%
V
/2
OUT
VOUT
V
/2
OUT
V
/2
ON
V
/2
ON
VON
VON
0 V
0 V
1.8 V
VOH
VOL
tON
tOFF
TEST CIRCUIT
t
/t
WAVEFORMS
ON OFF
t
PWRON
t
PWROFF
V
IN
0V
V
OUT
V
ON
V
IN/2
V
IN/2
VOUT/2
V
OUT/2
V
IN
0V
V
OL
V
OH
TPS22946
www.ti.com......................................................................................................................................... SLVS984A – SEPTEMBER 2009 – REVISED OCTOBER 2009
Figure 5. Test Circuit and tON/tOFF Waveforms
Figure 6. tPWRON/tPWROFF Waveforms
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS22946


Numéro de pièce similaire - TPS22946YZPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22946YZPR TI-TPS22946YZPR Datasheet
459Kb / 26P
[Old version datasheet]   ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
More results

Description similaire - TPS22946YZPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22946 TI-TPS22946_10 Datasheet
459Kb / 26P
[Old version datasheet]   ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
TPS22941 TI-TPS22941 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22941 TI-TPS22941_10 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
   input surge current, over voltage, over load, and over current protections
logo
Texas Instruments
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949 Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com