Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5V330DE4 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TS5V330DE4
Description  QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5V330DE4 Fiches technique(HTML) 3 Page - Texas Instruments

  TS5V330DE4 Datasheet HTML 1Page - Texas Instruments TS5V330DE4 Datasheet HTML 2Page - Texas Instruments TS5V330DE4 Datasheet HTML 3Page - Texas Instruments TS5V330DE4 Datasheet HTML 4Page - Texas Instruments TS5V330DE4 Datasheet HTML 5Page - Texas Instruments TS5V330DE4 Datasheet HTML 6Page - Texas Instruments TS5V330DE4 Datasheet HTML 7Page - Texas Instruments TS5V330DE4 Datasheet HTML 8Page - Texas Instruments TS5V330DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TS5V330
www.ti.com .............................................................................................................................................................. SCDS164D – MAY 2004 – REVISED JUNE 2009
PARAMETER DEFINITIONS
PARAMETER
DESCRIPTION
ron
Resistance between the D and S ports, with the switch in the ON state
IOZ
Output leakage current measured at the D and S ports, with the switch in the OFF state
IOS
Short-circuit current measured at the I/O pins
VIN
Voltage at IN
VEN
Voltage at EN
CIN
Capacitance at the control (EN, IN) inputs
COFF
Capacitance at the analog I/O port when the switch is OFF
CON
Capacitance at the analog I/O port when the switch is ON
VIH
Minimum input voltage for logic high for the control (EN, IN) inputs
VIL
Minimum input voltage for logic low for the control (EN, IN) inputs
Vhys
Hysteresis voltage at the control (EN, IN) inputs
VIK
I/O and control (EN, IN) inputs diode clamp voltage
VI
Voltage applied to the D or S pins when D or S is the switch input
VO
Voltage applied to the D or S pins when D or S is the switch output
IIH
Input high leakage current of the control (EN, IN) inputs
IIL
Input low leakage current of the control (EN, IN) inputs
II
Current into the D or S pins when D or S is the switch input
IO
Current into the D or S pins when D or S is the switch output
Ioff
Output leakage current measured at the D or S ports, with VCC = 0
tON
Propagation delay measured between 50% of the digital input to 90% of the analog output when switch is turned ON
tOFF
Propagation delay measured between 50% of the digital input to 90% of the analog output when switch is turned OFF
BW
Frequency response of the switch in the ON state measured at –3 dB
Unwanted signal coupled from channel to channel. Measured in –dB. XTALK = 20 log VO/VI. This is a nonadjacent
XTALK
crosstalk.
OIRR
Off isolation is the resistance (measured in –dB) between the input and output with the switch OFF.
Magnitude variation between analog input and output pins when the switch is ON and the dc offset of composite-video
DG
signal varies at the analog input pin. In the NTSC standard, the frequency of the video signal is 3.58 MHz, and dc offset
is from 0 to 0.714 V.
Phase variation between analog input and output pins when the switch is ON and the dc offset of composite-video signal
DP
varies at the analog input pin. In the NTSC standard, the frequency of the video signal is 3.58 MHz, and dc offset is from
0 to 0.714 V.
ICC
Static power-supply current
ICCD
Variation of ICC for a change in frequency in the control (EN, IN) inputs
ΔICC
This is the increase in supply current for each control input that is at the specified voltage level, rather than VCC or GND.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS5V330


Numéro de pièce similaire - TS5V330DE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5V330DE4 TI-TS5V330DE4 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results

Description similaire - TS5V330DE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Texas Instruments
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com