Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A4594 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TS5A4594
Description  SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A4594 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TS5A4594_08 Datasheet HTML 4Page - Texas Instruments TS5A4594_08 Datasheet HTML 5Page - Texas Instruments TS5A4594_08 Datasheet HTML 6Page - Texas Instruments TS5A4594_08 Datasheet HTML 7Page - Texas Instruments TS5A4594_08 Datasheet HTML 8Page - Texas Instruments TS5A4594_08 Datasheet HTML 9Page - Texas Instruments TS5A4594_08 Datasheet HTML 10Page - Texas Instruments TS5A4594_08 Datasheet HTML 11Page - Texas Instruments TS5A4594_08 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TS5A4594
SINGLECHANNEL 8 W SPST ANALOG SWITCH
SCDS179 – FEBRUARY 2005
www.ti.com
8
TYPICAL PERFORMANCE (continued)
6
7
8
9
10
11
12
Figure 7. tON and tOFF vs Temperature (V+ = 5 V)
TA (5C)
tON
tOFF
−40
°C25°C85°C
0
1
2
3
012
345
6
Figure 8. Logic-Level Threshold vs V+
V+ (V)
VIH
VIL
−4.0
−3.5
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
Figure 9. Bandwidth (Gain vs Frequency)
(V+ = 5 V)
Frequency (MHz)
0.1
1
1000
10
100
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Figure 10. OFF Isolation vs Frequency
Frequency (MHz)
0.1
1
1000
10
100
0
1
2
3
4
5
6
7
8
9
10
−40
°C25°C85°C
Figure 11. Power-Supply Current vs
Temperature
TA (5C)
V+ = 3 V
V+ = 5 V
0.00
0.05
0.10
0.15
0.20
Frequency (MHz)
0.1
1
1000
10
100
V+ = 3 V
V+ = 5 V
Figure 12. Total Harmonic Distortion vs
Frequency


Numéro de pièce similaire - TS5A4594_08

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A4594DBVR TI-TS5A4594DBVR Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4594DBVRE4 TI-TS5A4594DBVRE4 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4594DCKR TI-TS5A4594DCKR Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4594DCKRE4 TI-TS5A4594DCKRE4 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
More results

Description similaire - TS5A4594_08

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A4595 TI1-TS5A4595_14 Datasheet
700Kb / 18P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com