Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AVCH20T245 Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
SN74AVCH20T245 Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 21 page SN74AVCH20T245 20BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS SCES567F − MAY 2004 − REVISED APRIL 2005 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS TYPICAL PROPAGATION DELAY (A to B) vs LOAD CAPACITANCE TA = 25°C, VCCA = 1.2 V Figure 1 CL − pF 0 1 2 3 4 5 6 VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 1.5 V VCCB = 1.2 V 0 10 20 30 40 50 60 Figure 2 0 1 2 3 4 5 6 0 10 20 30 40 50 60 CL − pF VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 1.5 V VCCB = 1.2 V TYPICAL PROPAGATION DELAY (A to B) vs LOAD CAPACITANCE TA = 25°C, VCCA = 1.5 V Figure 3 CL − pF 0 1 2 3 4 5 6 VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 1.5 V VCCB = 1.2 V 0 10 20 30 40 50 60 Figure 4 0 1 2 3 4 5 6 0 10 20 30 40 50 60 CL − pF VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 1.5 V VCCB = 1.2 V |
Numéro de pièce similaire - SN74AVCH20T245 |
|
Description similaire - SN74AVCH20T245 |