Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL-SMT3.5-90 Fiches technique(PDF) 5 Page - Weidmuller

No de pièce SL-SMT3.5-90
Description  Connectors - reduces costs in the production process
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEIDMULLER [Weidmuller]
Site Internet  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

SL-SMT3.5-90 Fiches technique(HTML) 5 Page - Weidmuller

  SL-SMT3.5-90 Datasheet HTML 1Page - Weidmuller SL-SMT3.5-90 Datasheet HTML 2Page - Weidmuller SL-SMT3.5-90 Datasheet HTML 3Page - Weidmuller SL-SMT3.5-90 Datasheet HTML 4Page - Weidmuller SL-SMT3.5-90 Datasheet HTML 5Page - Weidmuller SL-SMT3.5-90 Datasheet HTML 6Page - Weidmuller SL-SMT3.5-90 Datasheet HTML 7Page - Weidmuller SL-SMT3.5-90 Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Tray dimensions and position of pin headers SL-SMT 3.5/90°
User preparation of the SL-SMT 3.5 in the “Tray”
For user preparation of the SL-SMT 3.5 in the “Tray”, we also offer all components separately.
Tray empty
Type
Description
Cat. No.
Qty.
Tray SL-SMT 3.5/90
for SL-SMT 3.5/4…24/90, SL-SMT 3.5/4…24/90G and SL-SMT 3.5/2…24/90F
177210 0000
1
Tray SL-SMT 3.5/180
for SL-SMT 3.5/4…24/180 , SL-SMT 3.5/4…24/180G and SL-SMT 3.5/2…24/180F
177215 0000
1
Tray-Deckel SL-SMT 3.5
for Trays SL-SMT 3.5/…/90 and SL-SMT 3.5/…/180 (open, closed, flange) - for covering and stacking the trays
177216 0000
1
PPP-SL-SMT 3.5/180
pick-and-place-pad for SL-SMT 3.5/2…24/180 (open, closed, flange)
176224 0000
500
Poles
Type
Order-No.
Qty.
2…4
SL-SMT 3.5/90 (open, closed, flange) and SL-SMT 3.5/180 (open, closed, flange)
see page 6+7
100
5…16
SL-SMT 3.5/90 (open, closed, flange) and SL-SMT 3.5/180 (open, closed, flange)
see page 6+7
50
17…24
SL-SMT 3.5/90 (open, closed, flange) and SL-SMT 3.5/180 (open, closed, flange)
see page 6+7
20
Machine oriented packaging
“Tray”
5
SL-SMT 3.5 pin headers
even pole numbers
even pole numbers
uneven pole numbers
uneven pole numbers


Numéro de pièce similaire - SL-SMT3.5-90

FabricantNo de pièceFiches techniqueDescription
logo
Weidmuller
SL-SMT3.5 WEIDMULLER-SL-SMT3.5 Datasheet
1Mb / 1P
   MALE CONNECTORS WITH THR SOLDER CONNECTION
SL-SMT3.5/90F WEIDMULLER-SL-SMT3.5/90F Datasheet
1Mb / 1P
   MALE CONNECTORS WITH THR SOLDER CONNECTION
More results

Description similaire - SL-SMT3.5-90

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
CRA3A KSS-CRA3A Datasheet
246Kb / 8P
   Reduction in mounting process & costs
logo
Marl International Limi...
255-501-64-3812 MARL-255-501-64-3812_15 Datasheet
285Kb / 5P
   Reduces stock and maintenance costs
logo
PHOENIX CONTACT
2200162 PHOENIX-2200162 Datasheet
43Kb / 2P
   Plug-in assembly reduces assembly time and therefore saves costs
logo
Marl International Limi...
253-501-64-3812 MARL-253-501-64-3812_15 Datasheet
275Kb / 5P
   Reduces stock and maintenance costs
258-501-64-38 MARL-258-501-64-38_14 Datasheet
204Kb / 4P
   Reduces stock and maintenance costs
logo
PHOENIX CONTACT
2200166 PHOENIX-2200166 Datasheet
47Kb / 3P
   Plug-in assembly reduces assembly time and therefore saves costs
2200172 PHOENIX-2200172 Datasheet
57Kb / 2P
   Plug-in assembly reduces assembly time and therefore saves costs
logo
Molex Electronics Ltd.
62100-4300 MOLEX-62100-4300 Datasheet
388Kb / 8P
   A pliers-type tool used in the repair of damaged connectors to replace individual wafers, which reduces connector replacement costs
10-26-12
logo
Murata Manufacturing Co...
SFSKB3M80GF00-R1 MURATA-SFSKB3M80GF00-R1 Datasheet
206Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M20FF00-R1 MURATA-SFSKB3M20FF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com