Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCV304 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce CDCV304
Description  200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCV304 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CDCV304_09 Datasheet HTML 4Page - Texas Instruments CDCV304_09 Datasheet HTML 5Page - Texas Instruments CDCV304_09 Datasheet HTML 6Page - Texas Instruments CDCV304_09 Datasheet HTML 7Page - Texas Instruments CDCV304_09 Datasheet HTML 8Page - Texas Instruments CDCV304_09 Datasheet HTML 9Page - Texas Instruments CDCV304_09 Datasheet HTML 10Page - Texas Instruments CDCV304_09 Datasheet HTML 11Page - Texas Instruments CDCV304_09 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CDCV304PW
ACTIVE
TSSOP
PW
8
150
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CDCV304PWG4
ACTIVE
TSSOP
PW
8
150
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CDCV304PWR
ACTIVE
TSSOP
PW
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CDCV304PWRG4
ACTIVE
TSSOP
PW
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Apr-2009
Addendum-Page 1


Numéro de pièce similaire - CDCV304_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCV304-EP TI1-CDCV304-EP Datasheet
502Kb / 13P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304-EP TI1-CDCV304-EP Datasheet
950Kb / 15P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304-EP TI1-CDCV304-EP_18 Datasheet
950Kb / 15P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304PW TI1-CDCV304PW Datasheet
506Kb / 14P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304PWG4 TI1-CDCV304PWG4 Datasheet
506Kb / 14P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
More results

Description similaire - CDCV304_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCV304 TI1-CDCV304_12 Datasheet
506Kb / 14P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304-EP TI1-CDCV304-EP_18 Datasheet
950Kb / 15P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304-EP TI1-CDCV304-EP Datasheet
502Kb / 13P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
[Old version datasheet]   140-MHz PCI-X CLOCK BUFFER
logo
NXP Semiconductors
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
   140 MHz PCI-X clock buffer
2001 May 09
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_12 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com