Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCM61001RHBR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCM61001RHBR
Description  One Output, Integrated VCO, Low-Jitter Clock Generator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCM61001RHBR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CDCM61001RHBR Datasheet HTML 3Page - Texas Instruments CDCM61001RHBR Datasheet HTML 4Page - Texas Instruments CDCM61001RHBR Datasheet HTML 5Page - Texas Instruments CDCM61001RHBR Datasheet HTML 6Page - Texas Instruments CDCM61001RHBR Datasheet HTML 7Page - Texas Instruments CDCM61001RHBR Datasheet HTML 8Page - Texas Instruments CDCM61001RHBR Datasheet HTML 9Page - Texas Instruments CDCM61001RHBR Datasheet HTML 10Page - Texas Instruments CDCM61001RHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
CDCM61001
www.ti.com
SCAS869C – FEBRUARY 2009 – REVISED FEBRUARY 2010
TYPICAL OUTPUT JITTER CHARACTERISTICS(1)
OUTPUT
LVCMOS OUTPUT
LVPECL OUTPUT
LVDS OUTPUT
FREQUENCY
(MHz)
INPUT (MHz)
tRJIT (fs, RMS)
tPJIT (psPP)
tRJIT (fs, RMS)
tPJIT (psPP)
tRJIT (fs, RMS)
tPJIT (psPP)
62.5
25
592
32.9
611
20.7
667
28.4
75
25
518
27.5
533
19.4
572
25.7
77.76
24.8832
506
29.2
526
20.9
567
26.9
100
25
507
24.5
510
20.7
533
26.5
106.25
26.5625
535
23.5
524
20.2
553
26.5
125
25
557
39.6
556
21.4
570
27.1
150
25
518
38.4
493
18.9
515
26.2
155.52
24.8832
498
36.9
486
19.8
502
26.7
156.25
25
510
37.7
503
20.7
518
26.5
159.375
26.5625
535
37.4
510
19.9
534
26.3
187.5
25
506
32.8
506
20.3
509
25.5
200
25
491
23.3
492
30
499
34.9
212.5
26.5625
520
47.8
509
30.8
530
37.3
250
25
544
27.4
541
21.4
550
27.5
311.04
24.8832
481
20.5
496
24.7
312.5
25
501
20.8
508
25.8
622.08
24.8832
492
27.2
500
27.2
625
25
515
26.9
509
27
(1)
Figure 10, Figure 12, and Figure 14 show LVCMOS, LVPECL, and LVDS test setups (respectively) using appropriate quartz crystal in,
VCC = 3.3 V, TA = +25°C.
CRYSTAL CHARACTERISTICS
PARAMETER
MINIMUM
TYPICAL
MAXIMUM
UNIT
Mode of oscillation
Fundamental
MHz
Frequency
21.875
28.47
MHz
Equivalent series resistance (ESR)
50
On-chip load capacitance
8
10
pF
Drive level
1
mW
Maximum shunt capacitance
7
pF
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCM61001


Numéro de pièce similaire - CDCM61001RHBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCM61001RHBR TI-CDCM61001RHBR Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001RHBR TI1-CDCM61001RHBR Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001RHBR TI1-CDCM61001RHBR Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001RHBR/2801 TI1-CDCM61001RHBR/2801 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
More results

Description similaire - CDCM61001RHBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com