Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4A Fiches technique(PDF) 3 Page - Yamaichi Electronics Co., Ltd.

No de pièce TS4A
Description  Modular Jacks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Site Internet  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

TS4A Fiches technique(HTML) 3 Page - Yamaichi Electronics Co., Ltd.

  TS4A Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. TS4A Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. TS4A Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. TS4A Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. TS4A Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. TS4A Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
Trading Division
TS Series
Modular Jacks (PCB Mounted, Unshielded)
TS6K**-S (SMT with Side Entry)
PCB-Layout (Top View)
TS6K**-C
TS6K4*-C
4
11.20
7.62
TS6K6*-C
6
13.20
10.16
TS6K8*-C
8
15.20
11.43
TS6K10*-C
10
15.20
11.43
Part No.
No. of
Positions
AB
PCB-Layout (Top View)
* Depopulation of contacts possible
TS6K4*-S
4
11.21
7.62
3.81
TS6K6*-S
6
12.96
10.16
6.35
TS6K8*-S
8
15.00
11.43
8.89
TS6K10*-S
10
15.00
11.43
11.43
Part No.
No. of
Positions
A
B
C
* Depopulation of contacts possible
Materials and Finish
Standard material: Glass filled polyester (UL94V-0)
Standard color:
Black
Soldering Temp.:
240°C / 5 sec.
Contact:
Thickness 0.35mm Alloy C5210,
Gold plating over Nickel (contact area)
Tin plating over Nickel (solder area)
Materials and Finish
Standard material: Glass filled polyester (UL94V-0)
Standard color:
Black
Soldering Temp.:
240°C / 5 sec.c.
Contact:
Thickness 0.35mm Alloy C5210,
Gold plating over Nickel (contact area)
Tin plating over Nickel (solder area)
RoHS
RoHS


Numéro de pièce similaire - TS4A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TS4 VISHAY-TS4 Datasheet
103Kb / 4P
   Cermet Trimmers, Surface Mount, 4.0 mm Square, Single Turn, Industrial Grade
Revision: 24-Sep-15
TS4 VISHAY-TS4 Datasheet
95Kb / 4P
   Cermet Trimmers, Surface Mount, 4.0 mm Square, Single Turn, Industrial Grade
01-Jan-2022
logo
Bothhand USA, LP.
TS4001 BOTHHAND-TS4001 Datasheet
194Kb / 1P
   ISOLATION TRANSFORMER FOR 10 BASE-T
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
   2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
TS4040 STMICROELECTRONICS-TS4040 Datasheet
140Kb / 9P
   2.5V micropower shunt voltage reference
More results

Description similaire - TS4A

FabricantNo de pièceFiches techniqueDescription
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
157Kb / 2P
   Filtered Modular Jacks
logo
Tyco Electronics
RJ11-2X MACOM-RJ11-2X_11 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
5569256-1 MACOM-5569256-1 Datasheet
173Kb / 3P
   Stacked Modular Jacks
logo
Adam Technologies, Inc.
MTJ64021 ADAM-TECH-MTJ64021 Datasheet
151Kb / 1P
   MODULAR TELEPHONE JACKS
logo
TE Connectivity Ltd
X TEC-X_V01 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
MTJP-616L ADAM-TECH-MTJP-616L Datasheet
268Kb / 3P
   MODULAR TELEPHONE JACKS WIRE LEADED JACKS
logo
Tyco Electronics
5558503-1 MACOM-5558503-1 Datasheet
166Kb / 3P
   Multi-Port Modular Jacks
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com