Moteur de recherche de fiches techniques de composants électroniques |
|
TS3A5018DBQRG4 Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
TS3A5018DBQRG4 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 27 page TS3A5018 www.ti.com SCDS189D – JANUARY 2005 – REVISED MARCH 2010 Absolute Minimum and Maximum Ratings (1) (2) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT V+ Supply voltage range(3) –0.5 4.6 V VNC VNO Analog voltage range(3) (4) –0.5 4.6 V VCOM IK Analog port diode current VNC, VNO, VCOM < 0 –50 mA INC INO On-state switch current VNC, VNO, VCOM = 0 to 7 V –64 64 mA ICOM VI Digital input voltage range(3) (4) –0.5 4.6 V IIK Digital input clamp current VI < 0 –50 mA I+ Continuous current through V+ –100 100 mA IGND Continuous current through GND –100 100 mA D package 73 DBQ package 90 DGV package 120 qJA Package thermal impedance(5) °C/W PW package 108 RGY package 51 RSV package 184 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (3) All voltages are with respect to ground, unless otherwise specified. (4) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (5) The package thermal impedance is calculated in accordance with JESD 51-7. Copyright © 2005–2010, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TS3A5018 |
Numéro de pièce similaire - TS3A5018DBQRG4 |
|
Description similaire - TS3A5018DBQRG4 |