Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD6E001 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPD6E001
Description  LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPD6E001 Fiches technique(HTML) 3 Page - Texas Instruments

  TPD6E001_09 Datasheet HTML 1Page - Texas Instruments TPD6E001_09 Datasheet HTML 2Page - Texas Instruments TPD6E001_09 Datasheet HTML 3Page - Texas Instruments TPD6E001_09 Datasheet HTML 4Page - Texas Instruments TPD6E001_09 Datasheet HTML 5Page - Texas Instruments TPD6E001_09 Datasheet HTML 6Page - Texas Instruments TPD6E001_09 Datasheet HTML 7Page - Texas Instruments TPD6E001_09 Datasheet HTML 8Page - Texas Instruments TPD6E001_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
Electrical Characteristics
ESD Protection
TPD6E001
LOW-CAPACITANCE 6-CHANNEL
±15-kV ESD-PROTECTION ARRAY
FOR HIGH-SPEED DATA INTERFACES
SLLS685C – JULY 2006 – REVISED APRIL 2007
V
CC = 5 V ± 10%, TA = -40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VCC
Supply voltage
0.9
5.5
V
ICC
Supply current
1
100
nA
VF
Diode forward voltage
IF = 10 mA
0.65
0.95
V
VBR
Breakdown voltage
IBR = 10 mA
11
V
Positive transients
VCC + 25
TA = 25°C, ±15-kV HBM,
IF = 10 A
Negative transients
–25
TA = 25°C,
Positive transients
VCC + 60
±8-kV Contact Discharge
VC
Channel clamp voltage(2)
V
Negative transients
–60
(IEC 61000-4-2), IF = 24 A
TA = 25°C,
Positive transients
VCC + 100
±15-kV Air-Gap Discharge
Negative transients
–100
(IEC 61000-4-2), IF = 45 A
Ii/o
Channel leakage current
Vi/o = GND to VCC
±1
nA
Channel input
Ci/o
VCC = 5 V, Bias of VCC/2
1.5
pF
capacitance
(1)
Typical values are at VCC = 5 V and TA = 25°C.
(2)
Channel clamp voltage is not production tested.
PARAMETER
TYP
UNIT
HBM
±15
kV
IEC 61000-4-2 Contact Discharge
±8
kV
IEC 61000-4-2 Air-Gap Discharge
±15
kV
3
Submit Documentation Feedback


Numéro de pièce similaire - TPD6E001_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD6E001RSER TI-TPD6E001RSER Datasheet
702Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001RSER TI-TPD6E001RSER Datasheet
501Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001RSERG4 TI-TPD6E001RSERG4 Datasheet
702Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001RSERG4 TI-TPD6E001RSERG4 Datasheet
501Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001RSFR TI-TPD6E001RSFR Datasheet
702Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

Description similaire - TPD6E001_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD6E004 TI-TPD6E004 Datasheet
484Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001 TI-TPD6E001_10 Datasheet
501Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001 TI-TPD6E001 Datasheet
702Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E004 TI-TPD6E004_09 Datasheet
489Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001_08 Datasheet
723Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI-TPD3E001 Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI1-TPD3E001_14 Datasheet
787Kb / 18P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com