Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU16024KV Fiches technique(PDF) 5 Page - Rohm

No de pièce BU16024KV
Description  HDMI Switch ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU16024KV Fiches technique(HTML) 5 Page - Rohm

  BU16024KV Datasheet HTML 1Page - Rohm BU16024KV Datasheet HTML 2Page - Rohm BU16024KV Datasheet HTML 3Page - Rohm BU16024KV Datasheet HTML 4Page - Rohm BU16024KV Datasheet HTML 5Page - Rohm BU16024KV Datasheet HTML 6Page - Rohm BU16024KV Datasheet HTML 7Page - Rohm BU16024KV Datasheet HTML 8Page - Rohm BU16024KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Technical Note
5/19
BU16006KV, BU16018KV, BU16024KV, BU16027KV
www.rohm.com
2010.05 - Rev.E
© 2010 ROHM Co., Ltd. All rights reserved.
Symbol
Parameter
Test Condition
Limits
Unit
Min.
Typ.
(1)
Max.
TMDS Differential Pins (Y/Z)
tPLH
Propagation
delay
time
low to high level output
BU16006KV,
BU16018KV,
BU16027KV
AVCC = 3.3V,
RT = 50Ω
-
480
-
ps
BU16024KV
-
320
-
tPHL
Propagation
delay
time
low to high level output
BU16006KV,
BU16018KV,
BU16027KV
-
500
-
ps
BU16024KV
-
335
-
tr
Differential output signal
rise time (20%-80%)
BU16006KV,
BU16027KV,
BU16018KV
-
160
-
ps
BU16024KV
-
120
-
tf
Differential output signal
fall time (20%-80%)
BU16006KV,
BU16018KV,
BU16027KV
-
160
-
ps
BU16024KV
-
120
-
tsk(p)
Pulse skew
(|tPHL - tPLH |)
BU16006KV,
BU16018KV,
BU16027KV
-
20
-
ps
BU16024KV
-
15
-
tsk(D)
Intra-pair differential
skew, see Figure 3.
BU16006KV,
BU16018KV,
BU16027KV
-
35
-
ps
BU16024KV
-
25
-
DDC I/O Pins (SCL, SCL_SINK, SDA, SDA_SINK) See Figure 4
tpdLHTR(DDC)
Propagation delay time, low to high level
output Tx to Rx
RL = 4.7kΩ, CL = 100pF,
see Figure 5
-
650
-
ns
tpdHLTR(DDC)
Propagation delay time, high to low level
output Tx to Rx
-
200
-
ns
tpdLHRT(DDC)
Propagation delay time, low to high level
output Rx to Tx
RL = 1.67kΩ, CL = 400pF,
see Figure 5
-
500
-
ns
tpdHLRT(DDC)
Propagation delay time, high to low level
output Rx to Tx
-
350
-
ns
tr Tx(DDC)
Tx output Rise time
RL = 4.7kΩ, CL = 100pF,
see Figure 5
-
800
-
ns
tf Tx(DDC)
Tx output Fall time
-
150
-
ns
tr Rx(DDC)
Rx output Rise time
RL = 1.67kΩ
CL = 400pF
-
950
-
ns
tf Rx(DDC)
Rx output Fall time
-
50
-
ns
tsx
Select to switch output
see Figure 4
-
8
-
ns
tdis
Disable time
see Figure 4
-
5
-
ns
ten
Enable time
see Figure 4
-
7
-
ns
tsx(DDC)
Switch time from SCLn to SCL_SINK
CL=10pF
-
800
-
ns
CIO
Input/output capacitance
VI=0V
-
15
-
pF
Hot Plug Detect Pins
tpdLH(HPD)
Propagation delay time, low to high level
output from HPD_SINK to HPDn(n=1,2,3)
CL=10pF
-
5
-
ns
tpdHL(HPD)
Propagation delay time, high to low level
output
from HPD_SINK to HPDn(n=1,2,3)
CL=10pF
-
5
-
ns
tsx(HPD)
Switch time from port select to the latest
valid status of HPD
CL=10pF
-
8
-
ns
Note: (1).
All typical values are at 25℃ and with a 3.3V supply.


Numéro de pièce similaire - BU16024KV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU16024KV ROHM-BU16024KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16024KV ROHM-BU16024KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16024KV ROHM-BU16024KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
More results

Description similaire - BU16024KV

FabricantNo de pièceFiches techniqueDescription
logo
Silicon image
SII9185 SILICONIMAGE-SII9185 Datasheet
240Kb / 2P
   VastLane??HDMI Switch
logo
Sanken electric
SPF5012 SANKEN-SPF5012 Datasheet
48Kb / 1P
   Low-side Switch ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
logo
Sanken electric
SPF5009 SANKEN-SPF5009 Datasheet
49Kb / 1P
   Low-side Switch ICs
logo
Toshiba Semiconductor
TC9273N TOSHIBA-TC9273N Datasheet
391Kb / 13P
   ANALOG SWITCH ARRAY ICs
logo
Sanken electric
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
   Low-side Switch ICs
logo
Rohm
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
Texas Instruments
TMDS261B TI1-TMDS261B Datasheet
11Mb / 48P
[Old version datasheet]   TWO-PORT HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com