Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU7964GUW Fiches technique(PDF) 6 Page - Rohm

No de pièce BU7964GUW
Description  Data rate 1350Mbps RGB Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU7964GUW Fiches technique(HTML) 6 Page - Rohm

Back Button BU7964GUW Datasheet HTML 2Page - Rohm BU7964GUW Datasheet HTML 3Page - Rohm BU7964GUW Datasheet HTML 4Page - Rohm BU7964GUW Datasheet HTML 5Page - Rohm BU7964GUW Datasheet HTML 6Page - Rohm BU7964GUW Datasheet HTML 7Page - Rohm BU7964GUW Datasheet HTML 8Page - Rohm BU7964GUW Datasheet HTML 9Page - Rohm BU7964GUW Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Technical Note
6/18
BU7964GUW
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
A
B
C
DVDD
DVDD
MSVDD
D
DVDD
Table 5. Control
Control: 8-pin
Name
Width
Level
I/O
Functions
Shutdown Equivalent
Schematic
XSD
1
CMOS
I
Shutdown pin.
‘L’: shutdown.
‘H’: normal operation.
Input
A
LS0
1
CMOS
I
Selection of the number of data channel and the
data format. Refer to section 0.
* Set the same number of data channel bet
wean the TX device and the RX device.
Input
A
LS1
1
F_XS
1
CMOS
I
Selection of CMOS output rising and falling slope
‘L’: slow
‘H’: fast
Input
A
PLL_BW0
1
CMOS
I
Selection of PLL bandwidth.
Input
A
PLL_BW1
1
TEST0
1
Pull
down
I
Test mode pins.
‘L’: normal mode.
‘H’: test mode.
Must be open or ‘L.’
Input
B
TEST1
1
B
Fig.4. Equivalent Schematics


Numéro de pièce similaire - BU7964GUW

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU7964GUW ROHM-BU7964GUW Datasheet
180Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Description similaire - BU7964GUW

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU7963GUW ROHM-BU7963GUW Datasheet
432Kb / 20P
   Data rate 1350Mbps RGB Interface
logo
GSI Technology
GS81302Q07GE-318I GSI-GS81302Q07GE-318I Datasheet
487Kb / 28P
   Dual Double Data Rate interface
GS8662DT20BD-500 GSI-GS8662DT20BD-500 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D38BGD-350 GSI-GS8662D38BGD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D38AGD-500I GSI-GS81302D38AGD-500I Datasheet
446Kb / 26P
   Dual Double Data Rate interface
GS8342DT06BD-550I GSI-GS8342DT06BD-550I Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8342DT20BGD-550 GSI-GS8342DT20BGD-550 Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8672D19BGE-333 GSI-GS8672D19BGE-333 Datasheet
483Kb / 28P
   Dual Double Data Rate interface
GS81302DT06E-350I GSI-GS81302DT06E-350I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
GS81302DT19E-450 GSI-GS81302DT19E-450 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com