Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HC4851PW Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
SN74HC4851PW Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 21 page SN74HC4851 8CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTIONCURRENT EFFECT CONTROL SCLS542B − SEPTEMBER 2003 − REVISED JANUARY 2004 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Switch I/O voltage range, VIO (see Notes 1 and 2) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0 or VI > VCC) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I/O diode current, IIOK (VIO < 0 or VIO > VCC) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Switch through current, IT (VIO = 0 to VCC) ±25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 3): D package 73 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGV package 120 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 67 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 108 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions (see Note 4) MIN MAX UNIT VCC Supply voltage 2 6 V VCC = 2 V 1.5 High-level input voltage, VCC = 3 V 2.1 VIH High-level input voltage, control inputs VCC = 3.3 V 2.3 V VIH control inputs VCC = 4.5 V 3.15 V VCC = 6 V 4.2 VCC = 2 V 0.5 Low-level input voltage, VCC = 3 V 0.9 VIL Low-level input voltage, control inputs VCC = 3.3 V 1 V VIL control inputs VCC = 4.5 V 1.35 V VCC = 6 V 1.8 VI Control input voltage 0 VCC V VIO Input/output voltage 0 VCC V VCC = 2 V 1000 VCC = 3 V 800 ∆t/∆v Input transition rise or fall time VCC = 3.3 V 700 ns ∆t/∆v Input transition rise or fall time VCC = 4.5 V 500 ns VCC = 6 V 400 TA Operating free-air temperature −40 125 °C NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
Numéro de pièce similaire - SN74HC4851PW |
|
Description similaire - SN74HC4851PW |