Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28227FUZ Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL28227FUZ
Description  Precision Single and Dual Low Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28227FUZ Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL28227FUZ Datasheet HTML 1Page - Intersil Corporation ISL28227FUZ Datasheet HTML 2Page - Intersil Corporation ISL28227FUZ Datasheet HTML 3Page - Intersil Corporation ISL28227FUZ Datasheet HTML 4Page - Intersil Corporation ISL28227FUZ Datasheet HTML 5Page - Intersil Corporation ISL28227FUZ Datasheet HTML 6Page - Intersil Corporation ISL28227FUZ Datasheet HTML 7Page - Intersil Corporation ISL28227FUZ Datasheet HTML 8Page - Intersil Corporation ISL28227FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ISL28127, ISL28227
2
FN6633.3
March 18, 2010
.
Ordering Information
PART NUMBER
(Notes 3, 4)
PART
MARKING
VOS (MAX)
(µV)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28127FBZ (Note 1)
28127 FBZ
70
8 Ld SOIC
M8.15E
Coming Soon
ISL28127FRTBZ (Note 2)
127Z
TBD (B Grade)
8 Ld TDFN
L8.3x3A
Coming Soon
ISL28127FRTZ (Note 2)
-C 127Z
150 (C Grade)
8 Ld TDFN
L8.3x3A
Coming Soon
ISL28127FUBZ (Note 2)
8127Z
TBD (B Grade)
8 Ld MSOP
M8.118
ISL28127FUZ (Note 2)
8127Z -C
150 (C Grade)
8 Ld MSOP
M8.118
ISL28227FBZ (Note 2)
28227 FBZ
75
8 Ld SOIC
M8.15E
Coming Soon
ISL28227FRTBZ (Note 2)
227Z
TBD (B Grade)
8 Ld TDFN
L8.3x3A
Coming Soon
ISL28227FRTZ (Note 2)
-C 227Z
150 (C Grade)
8 Ld TDFN
L8.3x3A
Coming Soon
ISL28227FUBZ (Note 2)
8227Z
TBD (B Grade)
8 Ld MSOP
M8.118
Coming Soon
ISL28227FUZ (Note 2)
8227Z -C
150 (C Grade)
8 Ld MSOP
M8.118
ISL28127SOICEVAL1Z
Evaluation Board
1. Add “-T7” or “-T13” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. Add “-T13” suffix for tape and reel.Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL28127, ISL28227. For more information on
MSL please see techbrief TB363.


Numéro de pièce similaire - ISL28227FUZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28227FUZ INTERSIL-ISL28227FUZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227FUZ INTERSIL-ISL28227FUZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
logo
Renesas Technology Corp
ISL28227FUZ RENESAS-ISL28227FUZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Description similaire - ISL28227FUZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com