Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU24024GU Fiches technique(PDF) 3 Page - Rohm

No de pièce BU24024GU
Description  Lens control LSI
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU24024GU Fiches technique(HTML) 3 Page - Rohm

  BU24024GU Datasheet HTML 1Page - Rohm BU24024GU Datasheet HTML 2Page - Rohm BU24024GU Datasheet HTML 3Page - Rohm BU24024GU Datasheet HTML 4Page - Rohm BU24024GU Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
REV. B
◇Pin assignment diagram (bottom view)
◇Outline dimensions/Marking figure
<bottom view>
<top view>
U24024
Lot No.
VCSP85H3
SDATA
DVSS
PIOUT
1
OUT
5B
OUT
1A
OUT
1A
MGND
125
OUT
1B
FCLK
MVCC
12
STATE
22
MGND
34
OUT
4A
OUT
4B
OUT
4B
OUT
5A
OUT
3B
STATE
12
STATE
11
PIOUT
2
SCLK
STATE
21
OUT
2B
OUT
2A
DVDD
CSB
IN7B
RNF6
OUT
6B
VDD
AMP67
IN7A
OUT
7A
MGND
67
OUT
6A
RNF6
OUT
3A
MVCC
34
RNF7
OUT
7B
RNF7
A
16
2345
MVCC
5
C
B
G
F
E
D


Numéro de pièce similaire - BU24024GU

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU24020GU ROHM-BU24020GU Datasheet
130Kb / 4P
   Silicon monolithic integrated circuit
BU24020GU ROHM-BU24020GU Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24020GU-E2 ROHM-BU24020GU-E2 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24025MWV ROHM-BU24025MWV Datasheet
214Kb / 5P
   Silicon monolithic integrated circuit
More results

Description similaire - BU24024GU

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC898212XA SANYO-LC898212XA Datasheet
55Kb / 5P
   AF Control LSI
logo
ON Semiconductor
ENA2118A ONSEMI-ENA2118A Datasheet
58Kb / 5P
   AF Control LSI
June, 2013
logo
Sanyo Semicon Device
LC8910 SANYO-LC8910 Datasheet
102Kb / 4P
   Remote Control LSI
logo
ON Semiconductor
LC898229XI ONSEMI-LC898229XI Datasheet
156Kb / 7P
   AF Control LSI
January, 2018 ??Rev. 0
LC898249XH ONSEMI-LC898249XH Datasheet
255Kb / 9P
   AF Control LSI
March, 2020 ??Rev. 0
logo
Sanyo Semicon Device
LC99052-V64A SANYO-LC99052-V64A Datasheet
200Kb / 8P
   Image Sensor Control LSI
logo
Nippon Precision Circui...
SM8505 NPC-SM8505 Datasheet
589Kb / 9P
   Infrared Remote Control LSI
logo
Panasonic Semiconductor
MN1287Z PANASONIC-MN1287Z Datasheet
1Mb / 12P
   CMOS CRT Control LSI
logo
Toshiba Semiconductor
TC9259N TOSHIBA-TC9259N Datasheet
339Kb / 8P
   INFRARED REMOTE CONTROL RECEIVING LSI
logo
OKI electronic componet...
MSM7547 OKI-MSM7547 Datasheet
71Kb / 7P
   Voice Signal Level Control LSI
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com