Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA5984FP Fiches technique(PDF) 2 Page - Rohm

No de pièce BA5984FP
Description  Power Driver For CD Players
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA5984FP Fiches technique(HTML) 2 Page - Rohm

  BA5984FP_1 Datasheet HTML 1Page - Rohm BA5984FP_1 Datasheet HTML 2Page - Rohm BA5984FP_1 Datasheet HTML 3Page - Rohm BA5984FP_1 Datasheet HTML 4Page - Rohm BA5984FP_1 Datasheet HTML 5Page - Rohm BA5984FP_1 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/5
REV. A
ELECTRIC CHARACTERISTICS
(Ta=25
°C, Vcc=8V, BIAS=2.5V, R
L=8Ω, unless otherwise noted.)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Condition
Quiescent Circuit Current
ICC
-
24
34
mA
No load applied
<BTL Driver>
Output Offset Voltage
VOO
-50
0
50
mV
Maximum Output Amplitude
VOM
5.4
6.0
-
V
Voltage Gain
GVC
14.0
16.1
18.0
dB
Mute ON Voltage
VMTON
-
-
0.5
V
Mute OFF Voltage
VMTOFF
1.5
-
-
V
Mute Terminal Input Current
IMUTE
-
180
270
µA
VMUTE = 5V
Bias Terminal Input Current
IBIAS
-
75
120
µA
VBIAS = 2.5V
<Pre-stage Operational Amplifier>
Common Mode Input
Range
VICM
0.5
-
6.8
V
Input Offset Voltage
VOFOP
-6
0
6
mV
Input Bias Current
IBOP
-
-
300
nA
High-level Output Voltage
VOHOP
7.5
-
-
V
Low-level Output Voltage
VOLOP
-
-
0.5
V
Output Driving Current Sink
ISIN
1
-
-
mA
Vcc with 50
Ω attached
Output Driving Current
Source
ISOU
1
-
-
mA
GND with 50
Slew Rate
SROP
-
1
-
V/us
100KHz square wave, 2Vp-p
output
<Loading Driver>
Output Saturation Voltage 1
VSAT1
0.7
1.1
1.6
V
Sum of upper side + lower side,
IL=200mA
Output Saturation Voltage 1
F/R Difference
∆VSAT1
-
-
0.1
V
F/R Difference of Output
Saturation Voltage 1
Output Saturation Voltage 2
VSAT2
1.0
1.55
2.3
V
Sum of upper side + lower side,
IL=500mA
<Loading Logic Input>
Input High-level Voltage
VIHLD
1.5
-
VCC
V
Input Low-level Voltage
VILLD
-0.3
-
0.5
V
Input High-level Current
IIHLD
-
180
270
µA
VFWD=VREV=5V
OUTLINE DIMENSIONS, SYMBOLS
Product
Number
(UNIT: mm)


Numéro de pièce similaire - BA5984FP_1

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA5984FP ROHM-BA5984FP_11 Datasheet
1Mb / 13P
   Silicon Monolithic Interegrated Circuit
More results

Description similaire - BA5984FP_1

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA5962FVM ROHM-BA5962FVM_1 Datasheet
251Kb / 7P
   Power Driver For CD Players
BA5961FV ROHM-BA5961FV_2 Datasheet
86Kb / 6P
   Power Driver For CD Players
BA5962FVM ROHM-BA5962FVM_2 Datasheet
84Kb / 6P
   Power Driver For CD Players
BA5961FV ROHM-BA5961FV_1 Datasheet
288Kb / 7P
   Power Driver For CD Players
BA5968FP ROHM-BA5968FP Datasheet
337Kb / 7P
   Power Driver For CD Players
BA5984FP ROHM-BA5984FP Datasheet
454Kb / 7P
   Power Driver For CD Players
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
   Power Driver For CD/DVD Players
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
   Actuator Driver for Portable CD Players
logo
Silan Microelectronics ...
SA6392 SILAN-SA6392 Datasheet
190Kb / 9P
   4CHANNEL BTL DRIVER FOR CD PLAYERS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com