Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA5417 Fiches technique(PDF) 9 Page - Rohm

No de pièce BA5417
Description  5W5W Stereo Speaker Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA5417 Fiches technique(HTML) 9 Page - Rohm

Back Button BA5417 Datasheet HTML 3Page - Rohm BA5417 Datasheet HTML 4Page - Rohm BA5417 Datasheet HTML 5Page - Rohm BA5417 Datasheet HTML 6Page - Rohm BA5417 Datasheet HTML 7Page - Rohm BA5417 Datasheet HTML 8Page - Rohm BA5417 Datasheet HTML 9Page - Rohm BA5417 Datasheet HTML 10Page - Rohm BA5417 Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Technical Note
9/10
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BA5406,BA5417
Notes for use
1) Numbers and data in entries are representative design values and are not guaranteed values of the items.
2) Although ROHM is confident that the example application circuit reflects the best possible recommendations, be sure to
verify circuit characteristics for your particular application. Modification of constants for other externally connected circuits
may cause variations in both static and transient characteristics for external components as well as this Rohm IC. Allow for
sufficient margins when determining circuit constants.
3) Absolute maximum ratings
Use of the IC in excess of absolute maximum ratings, such as the applied voltage or operating temperature range (Topr),
may result in IC damage. Assumptions should not be made regarding the state of the IC (short mode or open mode) when
such damage is suffered. A physical safety measure, such as a fuse, should be implemented when using the IC at times
where the absolute maximum ratings may be exceeded.
4) GND potential
Ensure a minimum GND pin potential in all operating conditions. Make sure that no pins are at a voltage below the GND at
any time, regardless of whether it is a transient signal or not.
5) Thermal design
Perform thermal design, in which there are adequate margins, by taking into account the permissible dissipation (Pd) in
actual states of use.
6) Short circuit between terminals and erroneous mounting
Pay attention to the assembly direction of the ICs. Wrong mounting direction or shorts between terminals, GND, or other
components on the circuits, can damage the IC.
7) Operation in strong electromagnetic field
Using the ICs in a strong electromagnetic field can cause operation malfunction.


Numéro de pièce similaire - BA5417

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
156Kb / 7P
   High-output dual power amplifier
BA5417 ROHM-BA5417 Datasheet
229Kb / 5P
   5W5W Stereo Speaker Amplifiers
BA5417 ROHM-BA5417 Datasheet
899Kb / 9P
   5W5W Stereo Speaker Amplifiers
logo
Unisonic Technologies
BA5417 UTC-BA5417 Datasheet
241Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
697Kb / 11P
   Stereo Speaker Amplifiers
More results

Description similaire - BA5417

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA5406 ROHM-BA5406_05 Datasheet
899Kb / 9P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406_1 Datasheet
160Kb / 5P
   5W5W Stereo Speaker Amplifiers
BA5417 ROHM-BA5417_1 Datasheet
229Kb / 5P
   5W5W Stereo Speaker Amplifiers
BD5413EFV ROHM-BD5413EFV Datasheet
541Kb / 15P
   5W5W Class-D Speaker Amplifier for Analog Input
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Diodes Incorporated
PAM8406 DIODES-PAM8406 Datasheet
560Kb / 14P
   ALTERNATIVE 5W STEREO AUDIO AMPLIFIER
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
697Kb / 11P
   Stereo Speaker Amplifiers
logo
STMicroelectronics
TDA7266D STMICROELECTRONICS-TDA7266D Datasheet
192Kb / 13P
   5W5W DUAL BRIDGE AMPLIFIER
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com