Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA-L0605-VJL Fiches technique(PDF) 3 Page - Power Systems GmbH+Co.KG

No de pièce CXA-L0605-VJL
Description  DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Site Internet  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-L0605-VJL Fiches technique(HTML) 3 Page - Power Systems GmbH+Co.KG

  CXA-L0605-VJL Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-L0605-VJL Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-L0605-VJL Datasheet HTML 3Page - Power Systems GmbH+Co.KG CXA-L0605-VJL Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CXA-L0605-VJL (4.0W SINGLE OUTPUT WITH DIMMING FUNCTION)
DC-AC INVERTER UNIT
(PRELIMNARY, STANDARD)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: D örnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 3 / 4 )
VER, 0 4 October 2002
APPLICATION (for example):
Vin
Vrmt
Vbr
0~3V
SW
Active On
Vin
Vrmt
Vbr
3V
SW
Active On
Vin
Voltage Dimming Type
Resistor Dimming Type
None Dimming Type
CN1-1(Vin)
CN1-2(GND)
CN1-3(Vrmt)
CN1-4(Vbr)
CN1-5(NC)
CCFL
RL
CN2-1(Iout)
CN2-3(Iout-ret)
CN1-1(Vin)
CN1-2(GND)
CN1-3(Vrmt)
CN1-4(Vbr)
CN1-5(NC)
CCFL
RL
CN2-1(Iout)
CN2-3(Iout-ret)
CN1-1(Vin)
CN1-2(GND)
CN1-3(Vrmt)
CN1-4(Vbr)
CN1-5(NC)
CCFL
RL
CN2-1(Iout)
CN2-3(Iout-ret)
10k
TEST CIRCUIT:
REMOTE TERMINAL CIRCUIT (Reference):


Numéro de pièce similaire - CXA-L0605-VJL

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
CXA-L0605-VJL TDK-CXA-L0605-VJL Datasheet
85Kb / 2P
   DC to AC Inverters Connector type, Dimming, 4W, For 1 Bulb
More results

Description similaire - CXA-L0605-VJL

FabricantNo de pièceFiches techniqueDescription
logo
Power Systems GmbH+Co.K...
CXA-L0624-VJL POWER-SYSTEMS-CXA-L0624-VJL Datasheet
152Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605-VSL POWER-SYSTEMS-CXA-L0605-VSL Datasheet
47Kb / 2P
   DC-AC INVERTER UNIT 4W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A POWER-SYSTEMS-CXA-L0612A Datasheet
83Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A-VML POWER-SYSTEMS-CXA-L0612A-VML Datasheet
34Kb / 2P
   DC-AC INVERTER UNIT 5W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-177 POWER-SYSTEMS-PS-L0612A-177 Datasheet
251Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A-VSL POWER-SYSTEMS-CXA-L0612A-VSL Datasheet
50Kb / 2P
   DC-AC INVERTER UNIT 5W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-239 POWER-SYSTEMS-PS-L0612A-239 Datasheet
77Kb / 2P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605A-VJL POWER-SYSTEMS-CXA-L0605A-VJL Datasheet
231Kb / 2P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-238 POWER-SYSTEMS-PS-L0612A-238 Datasheet
76Kb / 2P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-0283 POWER-SYSTEMS-CXA-0283 Datasheet
174Kb / 4P
   DC-AC INVERTER UNIT 15W QUAD OUTPUT WITH DIMMING FUNCTION
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com