Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC849B Fiches technique(PDF) 2 Page - Zowie Technology Corporation

No de pièce BC849B
Description  GENERAL PURPOSE TRANSISTOR NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZOWIE [Zowie Technology Corporation]
Site Internet  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BC849B Fiches technique(HTML) 2 Page - Zowie Technology Corporation

  BC849B Datasheet HTML 1Page - Zowie Technology Corporation BC849B Datasheet HTML 2Page - Zowie Technology Corporation BC849B Datasheet HTML 3Page - Zowie Technology Corporation BC849B Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Zowie Technology Corporation
Characteristic
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted) (Continued)
ON CHARACTERISTICS
DC Current Gain
( IC= 2.0 mA, VCE= 5.0 V )
Collector-Emitter Saturation Voltage
( IC= 10 mA, IB= 0.5 mA )
( IC= 100 mA, IB= 5.0 mA )
Base-Emitter Saturation Voltage
( IC= 10 mA, IB= 0.5 mA )
( IC= 100 mA, IB= 5.0 mA )
SMALL-SIGNAL CHARACTERISTIC
Current-Gain-Bandwidth Product
( IC= 10 mA, VCE= 5.0 V, f=100 MHZ )
Output Capacitance
( VCB= 10 V, f=1.0 MHZ )
Noise Figure
( VCE= 5.0 Vdc, IC= 0.2 mA, RS= 2.0k ohms, f=1.0 kHZ, BW = 200HZ)
Symbol
HFE
VCE(sat)
VBE(sat)
fT
Cobo
NF
Unit
-
V
V
MHZ
pF
dB
Min.
200
420
BC849B
BC849C
-
-
-
-
100
-
-
Max.
450
800
0.25
0.60
-
-
-
4.5
4.0
Typ.
290
520
-
-
0.7
0.9
Base-Emitter Voltage
( IC= 2.0 mA, VCE= 5.0V )
( IC= 10 mA, VCE= 5.0V )
VBE(on)
mV
580
-
700
770
660
-
-
-
-
Zowie Technology Corporation
REV. : 0


Numéro de pièce similaire - BC849B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC849B PHILIPS-BC849B Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
BC849B NXP-BC849B Datasheet
139Kb / 8P
   NPN general purpose transistors
2004 Jan 16
logo
Siemens Semiconductor G...
BC849B SIEMENS-BC849B Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Guangdong Kexin Industr...
BC849B KEXIN-BC849B Datasheet
1Mb / 3P
   NPN Transistors
logo
Infineon Technologies A...
BC849B INFINEON-BC849B Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
More results

Description similaire - BC849B

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com