Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCA8005-H Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TPCA8005-H
Description  High Efficiency DC竊뢈C Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8005-H Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TPCA8005-H_06 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8005-H_06 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8005-H_06 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8005-H_06 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8005-H_06 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8005-H_06 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8005-H_06 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCA8005-H
2006-11-16
3
Electrical Characteristics (Ta
= 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cutoff current
IDSS
VDS = 30 V, VGS = 0 V
10
µA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
15
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.1
2.3
V
VGS = 4.5 V, ID = 14 A
9.5
13
Drain-source ON-resistance
RDS (ON)
VGS = 10 V, ID = 14 A
6.8
9
m
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 14 A
23
46
S
Input capacitance
Ciss
1395
Reverse transfer capacitance
Crss
140
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
525
pF
Rise time
tr
3
Turn-on time
ton
9
Fall time
tf
8
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 µs
27
ns
VDD ∼− 24 V, VGS = 10 V, ID = 27 A
24
Total gate charge
(gate-source plus gate-drain)
Qg
VDD ∼− 24 V, VGS = 5 V, ID = 27 A
13
Gate-source charge 1
Qgs1
4.7
Gate-drain (“Miller”) charge
Qgd
5.6
Gate switch charge
QSW
VDD ∼− 24 V, VGS = 10 V, ID = 27 A
7.7
nC
Source-Drain Ratings and Characteristics (Ta
= 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse
(Note 1)
IDRP
81
A
Forward voltage (diode)
VDSF
IDR = 27 A, VGS = 0 V
−1.2
V
VDD ∼− 15 V
0 V
VGS
10 V
ID = 14A
VOUT


Numéro de pièce similaire - TPCA8005-H_06

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8005-H TOSHIBA-TPCA8005-H Datasheet
192Kb / 4P
   Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
More results

Description similaire - TPCA8005-H_06

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8004-H TOSHIBA-TPCA8004-H_06 Datasheet
462Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8015-H TOSHIBA-TPCA8015-H Datasheet
306Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8011-H TOSHIBA-TPCA8011-H Datasheet
441Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8116-H TOSHIBA-TPC8116-H Datasheet
285Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8213-H TOSHIBA-TPC8213-H Datasheet
324Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8016-H TOSHIBA-TPCA8016-H_06 Datasheet
308Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8021-H TOSHIBA-TPCA8021-H Datasheet
303Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8020-H TOSHIBA-TPCA8020-H Datasheet
415Kb / 7P
   Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII) High-Efficiency DC竊뢈C Converter Applications
logo
Rohm
BD9123MUV ROHM-BD9123MUV Datasheet
140Kb / 5P
   1ch DC竊뢈C Converter IC built in synchronous rectifier
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com