Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPC8210 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TPC8210
Description  Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8210 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TPC8210 Datasheet HTML 1Page - Toshiba Semiconductor TPC8210 Datasheet HTML 2Page - Toshiba Semiconductor TPC8210 Datasheet HTML 3Page - Toshiba Semiconductor TPC8210 Datasheet HTML 4Page - Toshiba Semiconductor TPC8210 Datasheet HTML 5Page - Toshiba Semiconductor TPC8210 Datasheet HTML 6Page - Toshiba Semiconductor TPC8210 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPC8210
2007-01-16
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Single-device operation
(Note 3a)
Rth (ch-a) (1)
83.3
Thermal resistance, channel to ambient
(t = 10 s)
(Note 2a) Single-device value at
dual operation
(Note 3b)
Rth (ch-a) (2)
114
Single-device operation
(Note 3a)
Rth (ch-a) (1)
167
Thermal resistance, channel to ambient
(t = 10 s)
(Note 2b) Single-device value at
dual operation
(Note 3b)
Rth (ch-a) (2)
278
°C/W
Marking (Note 6)
Note 1:
Ensure that the channel temperature does not exceed 150°C.
Note 2:
a)
Device mounted on a glass-epoxy board (a)
b)
Device mounted on a glass-epoxy board (b)
Note 3:
a) The power dissipation and thermal resistance values are shown for a single device.
(During single-device operation, power is only applied to one device.)
b) The power dissipation and thermal resistance values are shown for a single device.
(During dual operation, power is evenly applied to both devices.)
Note 4: VDD = 24 V, Tch = 25°C (initial), L = 1.0 mH, RG = 25 Ω, IAR = 8 A
Note 5: Repetitive rating: pulse width limited by maximum channel temperature
Note 6:
• on lower left of the marking indicates Pin 1.
FR-4
25.4
× 25.4 × 0.8
(unit: mm)
(a)
FR-4
25.4
× 25.4 × 0.8
(unit: mm)
(b)
Weekly code:
(Three digits)
Week of manufacture
(01 for the first week of a year: sequential number to 52 or 53)
Year of manufacture
(The last digit of a year)
TP C 8 21 0
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Numéro de pièce similaire - TPC8210

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC8210 TOSHIBA-TPC8210 Datasheet
229Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
logo
VBsemi Electronics Co.,...
TPC8210 VBSEMI-TPC8210 Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
More results

Description similaire - TPC8210

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com