Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3462 Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce 2SK3462
Description  Switching Regulator, DC/DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3462 Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  2SK3462 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3462 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3462 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3462 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3462 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3462 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3462
2010-02-05
4
0
0
40
120
160
200
10
30
40
20
80
Case temperature Tc
(°C)
PD – Tc
Case temperature Tc
(°C)
Vth – Tc
0
−80
−40
0
40
80
120
160
1
2
3
4
5
Common source
VDS = 10 V
ID = 1 mA
Pulse test
Total gate charge Qg (nC)
Dynamic input/output characteristics
0
0
100
150
250
15
25
Common source
ID = 3 A
Tc
= 25°C
Pulse test
20
50
200
510
100
50
VDD = 200 V
0
10
15
25
5
20
Drain-source voltage VDS (V)
IDR – VDS
1
0.1
0
−0.2
−0.4
−1.2
Common source
Tc
= 25°C
Pulse test
−0.6
−0.8
−1.0
−1.4
VGS = 10 V
3
5
0,
−1
10
100
Case temperature Tc
(°C)
RDS (ON) – Tc
ID = 1 A
ID = 3 A
0
−80
−40
0
40
80
120
160
1
2
3
4
5
Common source
VGS = 10 V
Pulse test
Drain-source voltage VDS (V)
Capacitance – VDS
Ciss
Coss
Crss
1000
0.1
100
10
1
1
10
100
0.3
3
30
VGS = 0 V
f
= 1 MHz
Tc
= 25°C


Numéro de pièce similaire - 2SK3462

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3462 TOSHIBA-2SK3462 Datasheet
235Kb / 6P
   Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3462 TOSHIBA-2SK3462 Datasheet
182Kb / 6P
   Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3462 TOSHIBA-2SK3462 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3462 TOSHIBA-2SK3462_06 Datasheet
182Kb / 6P
   Switching Regulator, DC/DC Converter and Motor Drive Applications
More results

Description similaire - 2SK3462

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3462 TOSHIBA-2SK3462_06 Datasheet
182Kb / 6P
   Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ619 TOSHIBA-2SJ619_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_10 Datasheet
207Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK4022 TOSHIBA-2SK4022 Datasheet
208Kb / 6P
   Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3443 TOSHIBA-2SK3443 Datasheet
376Kb / 5P
   SWITCHING REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com