Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3399 Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce 2SK3399
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3399 Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  2SK3399_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3399_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3399_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3399_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3399_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3399_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3399
2009-09-29
3
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
RDS (ON) – ID
⎪Yfs⎪ – ID
8
0
0
2
4
6
10
2
4
8
6
10
VGS = 5.5V
7.25
8
15
Common source
Tc
= 25°C
Pulse test
5.25
6
6. 5
7
6. 75
10
0
20
4
8
12
16
0
8
6
2
4
10
Common source
VDS = 20 V
0
20
4
8
12
16
0
8
6
2
4
10
Common source
VDS = 20 V
Pulse test
Tc
= −55°C
25
100
0.1
1
10
100
30
10
1
Common source
VDS = 20 V
Pulse test
25
100
Tc
= −55°C
0.3
3
0.1
0.3
3
30
1
10
100
5
1
0.1
Common source
Tc
= 25°C
Pulse test
VGS = 10 V
15 V
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
Gate-source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
0
2
4
8
10
0
ID = 10 A
4
8
12
20
2.5
5
Common source
Tc
= 25°C
Pulse test
16
6
20
16
12
8
4
0
0
10
20
30
40
50
VGS = 6.0 V
Common source
Tc
= 25°C
Pulse test
6.5
7.25
15
10
7.75
8.0
7.5
7.0


Numéro de pièce similaire - 2SK3399_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3399 TOSHIBA-2SK3399_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
More results

Description similaire - 2SK3399_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com