Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1T98DCKT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP1T98DCKT
Description  SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1T98DCKT Fiches technique(HTML) 1 Page - Texas Instruments

  SN74AUP1T98DCKT Datasheet HTML 1Page - Texas Instruments SN74AUP1T98DCKT Datasheet HTML 2Page - Texas Instruments SN74AUP1T98DCKT Datasheet HTML 3Page - Texas Instruments SN74AUP1T98DCKT Datasheet HTML 4Page - Texas Instruments SN74AUP1T98DCKT Datasheet HTML 5Page - Texas Instruments SN74AUP1T98DCKT Datasheet HTML 6Page - Texas Instruments SN74AUP1T98DCKT Datasheet HTML 7Page - Texas Instruments SN74AUP1T98DCKT Datasheet HTML 8Page - Texas Instruments SN74AUP1T98DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
2
3
6
5
4
B
GND
A
C
VCC
Y
A
Y
3
4
GND
V
CC
2
5
C
B
6
1
3
2
1
4
5
6
A
A1
A2
B1
B2
C1
C2
GND
B
Y
VCC
C
SN74AUP1T98
www.ti.com
SCES614H – OCTOBER 2004 – REVISED MAY 2010
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR
WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
Check for Samples: SN74AUP1T98
1
FEATURES
DBV OR DCK PACKAGE
2
Available in the Texas Instruments NanoStar™
(TOP VIEW)
Packages
Single-Supply Voltage Translator
1.8 V to 3.3 V (at VCC = 3.3 V)
2.5 V to 3.3 V (at VCC = 3.3 V)
1.8 V to 2.5 V (at VCC = 2.5 V)
DRY OR DSF PACKAGE
3.3 V to 2.5 V (at VCC = 2.5 V)
(TOP VIEW)
Nine Configurable Gate Logic Functions
Schmitt-Trigger Inputs Reject Input Noise and
Provide Better Output Signal Integrity
Ioff Supports Partial-Power-Down Mode With
Low Leakage Current (0.5 mA)
Very Low Static and Dynamic Power
YFP OR YZP PACKAGE
(TOP VIEW)
Consumption
Pb-Free Packages Available: SOT-23 (DBV),
SC-70 (DCK), and WCSP (NanoStar)
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
Related Devices: SN74AUP1T97,
SN74AUP1T57, and SN74AUP1T58
DESCRIPTION/ORDERING INFORMATION
AUP technology is the industry's lowest-power logic technology designed for use in battery-operated or battery
backed-up equipment. The SN74AUP1T98 is designed for logic-level translation applications with input switching
levels that accept 1.8-V LVCMOS signals, while operating from either a single 3.3-V or 2.5-V VCC supply.
The wide VCC range of 2.3 V to 3.6 V allows the possibility of battery voltage drop during system operation and
ensures normal operation between this range.
Schmitt-trigger inputs (
ΔVT = 210 mV between positive and negative input transitions) offer improved noise
immunity during switching transitions, which is especially useful on analog mixed-mode designs. Schmitt-trigger
inputs reject input noise, ensure integrity of output signals, and allow for slow input signal transition.
The SN74AUP1T98 can be easily configured to perform a required gate function by connecting A, B, and C
inputs to VCC or ground (see Function Selection table). Up to nine commonly used logic gate functions can be
performed.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoStar is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - SN74AUP1T98DCKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1T98DCKT TI-SN74AUP1T98DCKT Datasheet
936Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98DCKTE4 TI-SN74AUP1T98DCKTE4 Datasheet
936Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98DCKTG4 TI-SN74AUP1T98DCKTG4 Datasheet
936Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
More results

Description similaire - SN74AUP1T98DCKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1T98 TI-SN74AUP1T98 Datasheet
309Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58 Datasheet
922Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97_101 TI-SN74AUP1T97_101 Datasheet
993Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98_101 TI-SN74AUP1T98_101 Datasheet
936Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57 TI-SN74AUP1T57_1 Datasheet
934Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97_10 Datasheet
992Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57 TI-SN74AUP1T57 Datasheet
933Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58_1 Datasheet
923Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97 Datasheet
333Kb / 15P
[Old version datasheet]   SINGLE SUPPLY VOLTAGE LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNTIONS
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com