Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1T98DBVTE4 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce SN74AUP1T98DBVTE4
Description  SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1T98DBVTE4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74AUP1T98DBVTE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 9Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 10Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 11Page - Texas Instruments SN74AUP1T98DBVTE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SN74AUP1T98
SCES614H – OCTOBER 2004 – REVISED MAY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = –40°C
TA = 25°C
to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
VT+
2.3 V to 2.7 V
0.6
1.1
0.6
1.1
Positive-going
V
input threshold
3 V to 3.6 V
0.75
1.16
0.75
1.19
voltage
VT–
2.3 V to 2.7 V
0.35
0.6
0.35
0.6
Negative-going
V
input threshold
3 V to 3.6 V
0.5
0.85
0.5
0.85
voltage
ΔVT
2.3 V to 2.7 V
0.23
0.6
0.1
0.6
Hysteresis
V
3 V to 3.6 V
0.25
0.56
0.15
0.56
(VT+ – VT–)
IOH = –20 mA
2.3 V to 3.6 V
VCC – 0.1
VCC – 0.1
IOH = –2.3 mA
2.05
1.97
2.3 V
VOH
IOH = –3.1 mA
1.9
1.85
V
IOH = –2.7 mA
2.72
2.67
3 V
IOH = –4 mA
2.6
2.55
IOL = 20 mA
2.3 V to 3.6 V
0.1
0.1
IOL = 2.3 mA
0.31
0.33
2.3 V
VOL
IOL = 3.1 mA
0.44
0.45
V
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
II
All inputs
VI = 3.6 V or GND
0 V to 3.6 V
0.1
0.5
mA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.1
0.5
mA
ΔIoff
VI or VO = 3.6 V
0 V to 0.2 V
0.2
0.5
mA
ICC
VI = 3.6 V or GND, IO = 0
2.3 V to 3.6 V
0.5
0.9
mA
One input at 0.3 V or 1.1 V,
2.3 V to 2.7 V
4
Other inputs at 0 or VCC, IO = 0
ΔICC
mA
One input at 0.45 V or 1.2 V,
3 V to 3.6 V
12
Other inputs at 0 or VCC, IO = 0
Ci
VI = VCC or GND
3.3 V
1.5
pF
Co
VO = VCC or GND
3.3 V
3
pF
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V, VI = 1.8 V ± 0.15 V (unless otherwise noted)
(see Figure 12)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
CL
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
5 pF
1.8
2.3
2.9
0.5
6.8
10 pF
2.3
2.8
3.4
1
7.9
tpd
A, B, or C
Y
ns
15 pF
2.6
3.1
3.8
1
8.7
30 pF
3.8
4.4
5.1
1.5
10.8
8
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1T98


Numéro de pièce similaire - SN74AUP1T98DBVTE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1T98DBVTE4 TI-SN74AUP1T98DBVTE4 Datasheet
936Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
More results

Description similaire - SN74AUP1T98DBVTE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1T98 TI-SN74AUP1T98 Datasheet
309Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58 Datasheet
922Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97_101 TI-SN74AUP1T97_101 Datasheet
993Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98_101 TI-SN74AUP1T98_101 Datasheet
936Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57 TI-SN74AUP1T57_1 Datasheet
934Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97_10 Datasheet
992Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57 TI-SN74AUP1T57 Datasheet
933Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58_1 Datasheet
923Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97 Datasheet
333Kb / 15P
[Old version datasheet]   SINGLE SUPPLY VOLTAGE LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNTIONS
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com