Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1T158 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP1T158
Description  LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (INVERTED)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1T158 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1T158 Datasheet HTML 3Page - Texas Instruments SN74AUP1T158 Datasheet HTML 4Page - Texas Instruments SN74AUP1T158 Datasheet HTML 5Page - Texas Instruments SN74AUP1T158 Datasheet HTML 6Page - Texas Instruments SN74AUP1T158 Datasheet HTML 7Page - Texas Instruments SN74AUP1T158 Datasheet HTML 8Page - Texas Instruments SN74AUP1T158 Datasheet HTML 9Page - Texas Instruments SN74AUP1T158 Datasheet HTML 10Page - Texas Instruments SN74AUP1T158 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN74AUP1T158
www.ti.com
SCES808 – APRIL 2010
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V, VI = 2.5 V ± 0.2 V (unless otherwise noted)
(see Figure 6)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
CL
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
5 pF
1.8
2.3
3.1
0.5
6
10 pF
2.2
2.8
3.5
1
7.1
tpd
A, B, or C
Y
ns
15 pF
2.6
3.2
5.2
1
7.9
30 pF
3.7
4.4
5.2
1.5
10
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V, VI = 3.3 V ± 0.3 V (unless otherwise noted)
(see Figure 6)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
CL
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
5 pF
2
2.7
3.5
0.5
5.5
10 pF
2.4
3.1
3.9
1
6.5
tpd
A, B, or C
Y
ns
15 pF
2.8
3.5
4.3
1
7.4
30 pF
4
4.7
5.5
1.5
9.5
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V, VI = 1.8 V ± 0.15 V (unless otherwise noted)
(see Figure 6)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
CL
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
5 pF
1.6
2
2.5
0.5
8
10 pF
2
2.4
2.9
1
8.5
tpd
A, B, or C
Y
ns
15 pF
2.3
2.8
3.3
1
9.1
30 pF
3.4
3.9
4.4
1.5
9.8
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V, VI = 2.5 V ± 0.2 V (unless otherwise noted)
(see Figure 6)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
CL
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
5 pF
1.6
1.9
2.4
0.5
5.3
10 pF
2
2.3
2.7
1
6.1
tpd
A, B, or C
Y
ns
15 pF
2.3
2.7
3.1
1
6.8
30 pF
3.4
3.8
4.2
1.5
8.5
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AUP1T158


Numéro de pièce similaire - SN74AUP1T158

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1T157 TI-SN74AUP1T157 Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
SN74AUP1T157DCKR TI-SN74AUP1T157DCKR Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
SN74AUP1T157DCKT TI-SN74AUP1T157DCKT Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
More results

Description similaire - SN74AUP1T158

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1T157 TI-SN74AUP1T157 Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
SN74AUP1T50 TI1-SN74AUP1T50 Datasheet
762Kb / 15P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T17 TI-SN74AUP1T17 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T14 TI1-SN74AUP1T14_15 Datasheet
761Kb / 14P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AUP1T14 TI-SN74AUP1T14 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AUP1T00 TI-SN74AUP1T00 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1T02 TI-SN74AUP1T02 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT,SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1T08 TI-SN74AUP1T08 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1T86 TI-SN74AUP1T86 Datasheet
173Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, 2-INPUT EXCLUSIVE-OR GATE
SN74AUP1T32 TI-SN74AUP1T32 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT,3.3-V CMOS OUTPUT, 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com