Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUC1G80DCKR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUC1G80DCKR
Description  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G80DCKR Fiches technique(HTML) 4 Page - Texas Instruments

  SN74AUC1G80DCKR Datasheet HTML 1Page - Texas Instruments SN74AUC1G80DCKR Datasheet HTML 2Page - Texas Instruments SN74AUC1G80DCKR Datasheet HTML 3Page - Texas Instruments SN74AUC1G80DCKR Datasheet HTML 4Page - Texas Instruments SN74AUC1G80DCKR Datasheet HTML 5Page - Texas Instruments SN74AUC1G80DCKR Datasheet HTML 6Page - Texas Instruments SN74AUC1G80DCKR Datasheet HTML 7Page - Texas Instruments SN74AUC1G80DCKR Datasheet HTML 8Page - Texas Instruments SN74AUC1G80DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN74AUC1G80
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SCES388K – MARCH 2002 – REVISED JANUARY 2007
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
UNIT
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
50
200
225
250
275
MHz
tw
Pulse duration, CLK high or low
4.6
1.7
1.7
1.7
1.7
ns
tsu
Setup time before CLK
↑, data high or low
1.6
1.1
0.8
0.6
0.5
ns
th
Hold time, data after CLK
0
0
0.1
0.1
0.1
ns
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 1)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
fmax
50
200
225
250
275
MHz
tpd
CLK
Q
5
1
3.9
0.8
2.5
0.3
1
1.9
0.3
1.3
ns
over recommended operating free-air temperature range, C
L = 30 pF (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
FROM
TO
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
fmax
250
275
ns
tpd
CLK
Q
0.8
1.5
2.4
0.6
1.8
ns
T
A = 25°C
VCC = 0.8 V
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
Power dissipation
Cpd
f = 10 MHz
18
18
18
18.5
20.5
pF
capacitance
4
Submit Documentation Feedback


Numéro de pièce similaire - SN74AUC1G80DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC1G80DCKR TI-SN74AUC1G80DCKR Datasheet
312Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGERED D-TYPE FLIP-FLOP
More results

Description similaire - SN74AUC1G80DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
April 2004
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
   Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T80 STMICROELECTRONICS-74V1T80 Datasheet
121Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com