Moteur de recherche de fiches techniques de composants électroniques |
|
PUS-0503.3-2W Fiches technique(PDF) 6 Page - Power Systems GmbH+Co.KG |
|
PUS-0503.3-2W Fiches technique(HTML) 6 Page - Power Systems GmbH+Co.KG |
6 / 6 page www.Power-Systems.de Page: 6 / 6 Version: 4-Oct-02 PU-2W Series ( 2 W UNREGULATED DC-DC CONVERTER) DC-DC Converter UNIT PU-2W SERIES APPLICATION NOTES: EXTERNAL CAPACITANCE REQUIREMENTS: Output filtering is required for operation. A minimum of 10uF is needed. Output capacitance may be increased for additional filtering, not to exceed 220uF. To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5ohm from DC to 250KHz is required. Negative Outputs: A negative output voltage may be obtained by connecting the +OUT to circuit ground and connecting –OUT as the negative output. FOR MORE INFORMATION CALL: Power Systems – The Power Solution 74360 Ilsfeld-Auenstein ( Germany ) Dörnet 8 Tel: + 49 / 70 62 / 67 59 – 6 Fax: + 49 / 70 62 / 67 59 -80 E-mail: Info@Power-Systems.de Home Page: www.Power-Systems.de |
Numéro de pièce similaire - PUS-0503.3-2W |
|
Description similaire - PUS-0503.3-2W |