Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CARS-0505M Fiches technique(PDF) 4 Page - Power Systems GmbH+Co.KG

No de pièce CARS-0505M
Description  DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Site Internet  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CARS-0505M Fiches technique(HTML) 4 Page - Power Systems GmbH+Co.KG

  CARS-0505M Datasheet HTML 1Page - Power Systems GmbH+Co.KG CARS-0505M Datasheet HTML 2Page - Power Systems GmbH+Co.KG CARS-0505M Datasheet HTML 3Page - Power Systems GmbH+Co.KG CARS-0505M Datasheet HTML 4Page - Power Systems GmbH+Co.KG CARS-0505M Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.Power-Systems.de
Page: 4 / 5
Version: 4-Oct-02
CAR Series ( 2W REGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
TYPICAL APPLICATIONS
SINGLE OUTPUT
DUAL OUTPUT
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER
+Vout
-Vin
-Vout
INPUT
DC-DC
CONVERTER
+Vin
LOAD1
OUTPUT
Common
LOAD2
TYPICAL PERFORMANCE CUREVES
Specifications typical at ta=25 OC,nominal input voltage , rated output current unless otherwise specified.
OUTPUT LOAD vs EFFICIENCY
OUTPUT LOAD vs OUTPUT VOLTAGE
0%
20%
40%
60%
80%
0%
20%
40%
60%
80% 100%
OUTPUT LOAD(%)
-10%
-5%
0%
5%
10%
0%
20% 40% 60% 80% 100%
OUTPUT LOAD(%)
TEMPERATURE DERATING
INPUT VOLTAGE vs EFFICIENCY
0.0
0.5
1.0
1.5
2.0
2.5
-25
0
25
50
70
100
TA(degree C)
0%
20%
40%
60%
80%
100%
-10
-5
Nom
5
10
INPUT VOLTAGE(%)
SAFE
OPERATING
AREA


Numéro de pièce similaire - CARS-0505M

FabricantNo de pièceFiches techniqueDescription
logo
Welwyn Components Limit...
CAR WELWYN-CAR Datasheet
109Kb / 2P
   Ultra Precision Metal Film Resistors
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
   Ultra Precision Metal Film Resistor
logo
TT Electronics.
CAR TTELEC-CAR Datasheet
310Kb / 3P
   Superior moisture performance
logo
Sanyou Corporation Limi...
CAR SANYOU-CAR Datasheet
171Kb / 2P
   Motorcycle Relay
logo
GOOD SKY ELECTRIC CO., ...
CAR GOODSKY-CAR Datasheet
390Kb / 4P
   Relay
More results

Description similaire - CARS-0505M

FabricantNo de pièceFiches techniqueDescription
logo
Power Systems GmbH+Co.K...
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
   DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
   2W DC-DC Regulated Single Output Converter
SPA02 MEANWELL-SPA02 Datasheet
247Kb / 1P
   2W DC-DC Regulated Single Output Converter
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
logo
Power Systems GmbH+Co.K...
SRS-0505-1 POWER-SYSTEMS-SRS-0505-1 Datasheet
203Kb / 5P
   DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER
logo
Chinfa Electronics Ind....
SAD02-9559 CHINFA-SAD02-9559 Datasheet
265Kb / 2P
   DC - DC CONVERTER 2W
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com