Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CBRS-0505-3K Fiches technique(PDF) 1 Page - Power Systems GmbH+Co.KG

No de pièce CBRS-0505-3K
Description  DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Site Internet  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CBRS-0505-3K Fiches technique(HTML) 1 Page - Power Systems GmbH+Co.KG

  CBRS-0505-3K Datasheet HTML 1Page - Power Systems GmbH+Co.KG CBRS-0505-3K Datasheet HTML 2Page - Power Systems GmbH+Co.KG CBRS-0505-3K Datasheet HTML 3Page - Power Systems GmbH+Co.KG CBRS-0505-3K Datasheet HTML 4Page - Power Systems GmbH+Co.KG CBRS-0505-3K Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.Power-Systems.de
Page: 1 / 5
Version: 4-Oct-02
CBR Series ( 2W-3W REGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Setpoint Accuracy
+/-3% max Input Voltage Range
+/-10% max
Temperature Coefficient
+/-0.03%/ OC Input Filter
Pi Network
Ripple & Noise (20MHz BW)
100mVp-p max
Line Regulation
1
+/-0.5% max
Load Regulation
2
+/-0.5% max
GENERAL SPECIFICATIONS
Short Circuit Protection
Current Limit Protection Efficiency
60% min
Short Circuit Restart
Automatic Isolation Voltage
3
3000 VDC min
ENVIRONMENTAL SPECIFICATIONS
Isolation Resistance
109 ohms min
Operating Temperature
-25 OC to +71 OC Switching Frequency
25 KHz min
Storage Temperature
-55 OC to +125 OC Isolation Capacitance
80pF max
Cooling
Free-Air Convection MTBF
850,000 Hours
Weight
12.0g-14.4g
Case Material
Non-Conductive Plastic
ALL SPECIFICATIONS TYPICAL AT NOMINAL
LINE,
FULL
LOAD
,
AND
25 OC
UNLESS
OTHERWISE NOTED.
Case Size
31.8mm*20.3mm*10.2mm
1 High Line to Low Line.
2 Load Regulation is for output load current change from 10% to 100%.
3 For 60 seconds
FEATURES
3000VDC ISOLATION
HIGH EFFICIENCY
NO HEATSINK REQUIRED
LOW COST
NO EXTERNAL COMPONENTS
REQUIRED
UP TO 3W REGULATED OUTPUT
POWER
DUAL IN LINE PACKAGE
100% BURNED IN
LOW NOISE
MTBF > 850,000 HOURS


Numéro de pièce similaire - CBRS-0505-3K

FabricantNo de pièceFiches techniqueDescription
logo
CamdenBoss Ltd.
CBRS01S CAMDENBOSS-CBRS01S Datasheet
442Kb / 1P
   Room Sensor Enclosure
logo
List of Unclassifed Man...
CBRS01VWH ETC1-CBRS01VWH Datasheet
160Kb / 1P
   DRAWING FOR VENTED ROOM SENSOR
logo
Central Semiconductor C...
CBRSDSH1-40L CENTRAL-CBRSDSH1-40L Datasheet
409Kb / 2P
   SURFACE MOUNT HIGH DENSITY 1 AMP LOW VF SILICON SCHOTTKY BRIDGE RECTIFIER
CBRSDSH2-100 CENTRAL-CBRSDSH2-100 Datasheet
473Kb / 2P
   SURFACE MOUNT HIGH DENSITY 2 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRSDSH2-100 CENTRAL-CBRSDSH2-100_15 Datasheet
874Kb / 3P
   SCHOTTKY BRIDGE RECTIFIER
More results

Description similaire - CBRS-0505-3K

FabricantNo de pièceFiches techniqueDescription
logo
Power Systems GmbH+Co.K...
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03 Datasheet
195Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
   2W DC-DC Regulated Single Output Converter
SCW03 MEANWELL-SCW03_11 Datasheet
218Kb / 1P
   3W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com