Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1610P Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TEA1610P
Description  Zero-voltage-switching resonant converter controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1610P Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TEA1610P Datasheet HTML 7Page - NXP Semiconductors TEA1610P Datasheet HTML 8Page - NXP Semiconductors TEA1610P Datasheet HTML 9Page - NXP Semiconductors TEA1610P Datasheet HTML 10Page - NXP Semiconductors TEA1610P Datasheet HTML 11Page - NXP Semiconductors TEA1610P Datasheet HTML 12Page - NXP Semiconductors TEA1610P Datasheet HTML 13Page - NXP Semiconductors TEA1610P Datasheet HTML 14Page - NXP Semiconductors TEA1610P Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TEA1610T_P_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 26 March 2007
11 of 21
NXP Semiconductors
TEA1610P; TEA1610T
Zero-voltage-switching resonant converter controller
11. Characteristics
Table 6.
Characteristics
All voltages are referred to the ground pins which must be connected externally; positive currents flow into the IC; VDD =13V
and Tamb =25 °C; tested using the circuit shown in Figure 10, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High voltage pins VDD(F), GH and SH
IL
leakage current
VDD(F), VGH and VSH = 600 V
-
-
30
µA
Supply pin VDD
VDD(initial)
supply voltage for
defined driver output
low side on; high side off
-
4
5
V
VDD(start)
start oscillator voltage
12.9
13.4
13.9
V
VDD(stop)
stop oscillator voltage
9.0
9.4
9.8
V
VDD(hys)
start-stop hysteresis
voltage
3.8
4.0
4.2
V
VDD(sdc)
shut-down clamp
voltage
low side off; high side off;
IDD = 1 mA
11.0
12.0
13.0
V
VDD(reset)
reset voltage
4.5
5.3
6.0
V
IDD
supply current:
low side on; high side off
Cf = 100 pF; IIFS = 0.5 mA;
IIRS = 50 µA; Co = 200 pF
low side off; high side off;
VDD = 9 V
[1]
start-up
130
180
220
µA
operating
-
2.4
-
mA
shut-down
-
130
180
µA
Reference voltage on pin VREF
VREF
reference voltage
IREF = 0 mA
2.9
3.0
3.1
V
IREF
current capability
source only
−1.0
-
-
mA
Zo(VREF)
output impedance
IREF = −1 mA
-
5.0
-
temperature
coefficient
IREF = 0 mA; Tj = 25 to 150 °C-
−0.3
-
mV/K
Current controlled oscillator pins IRS, IFS, CF
ICF(ch)(min)
minimum CF charge
current
IIRS = 15 µA; VCF = 2 V
28
30
32
µA
ICF(ch)(max)
maximum CF charge
current
IIRS = 200 µA; VCF = 2 V
340
380
420
µA
VIRS
voltage on pin IRS
IIRS = 200 µA
570
600
630
mV
ICF(dis)(min)
minimum CF
discharge current
IIRS = 50 µA; VCF = 2 V
47
50
53
µA
ICF(dis)(max)
maximum CF
discharge current
IIFS = 1 mA; VCF = 2 V
0.93
0.98
1.03
mA
VIFS
voltage on pin IFS
IIFS = 1 mA
570
600
630
mV
fbridge(min)
minimum bridge
frequency (for stable
operation)
CF = 100 pF; IIFS = 0.5 mA;
IIRS = 50 µA; fbridge =
188
200
212
kHz
∆V
REF
∆T
-----------------
f
OSC
2
-------------


Numéro de pièce similaire - TEA1610P

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1610P PHILIPS-TEA1610P Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
More results

Description similaire - TEA1610P

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1612T NXP-TEA1612T Datasheet
116Kb / 19P
   Zero voltage switching resonant converter controller
Rev. 01-24 September 2009
TEA1610P PHILIPS-TEA1610P Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1611T NXP-TEA1611T Datasheet
109Kb / 18P
   Zero voltage switching resonant converter controller
Rev. 01-7 September 2009
logo
Texas Instruments
SLUA159 TI-SLUA159 Datasheet
794Kb / 28P
[Old version datasheet]   Zero Voltage Switching Resonant Power Conversion
logo
STMicroelectronics
E-L6598D013TR STMICROELECTRONICS-E-L6598D013TR Datasheet
367Kb / 24P
   High voltage resonant controller
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
   ZERO VOLTAGE CONTROLLER
logo
STMicroelectronics
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
   High-voltage resonant controller
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
   HIGH VOLTAGE RESONANT CONTROLLER
L6599DTR STMICROELECTRONICS-L6599DTR Datasheet
639Kb / 36P
   High-voltage resonant controller
L6599_0807 STMICROELECTRONICS-L6599_0807 Datasheet
636Kb / 36P
   High-voltage resonant controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com