Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZT4403 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce PZT4403
Description  40 V, 600 mA PNP switching transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZT4403 Fiches technique(HTML) 3 Page - NXP Semiconductors

  PZT4403 Datasheet HTML 1Page - NXP Semiconductors PZT4403 Datasheet HTML 2Page - NXP Semiconductors PZT4403 Datasheet HTML 3Page - NXP Semiconductors PZT4403 Datasheet HTML 4Page - NXP Semiconductors PZT4403 Datasheet HTML 5Page - NXP Semiconductors PZT4403 Datasheet HTML 6Page - NXP Semiconductors PZT4403 Datasheet HTML 7Page - NXP Semiconductors PZT4403 Datasheet HTML 8Page - NXP Semiconductors PZT4403 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PZT4403_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 2 March 2010
3 of 9
NXP Semiconductors
PZT4403
40 V, 600 mA PNP switching transistor
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base
cut-off current
VCB = −40 V; IE =0A
-
-
−50
nA
IEBO
emitter-base
cut-off current
VEB = −5V; IC =0A
-
-
−50
nA
hFE
DC current gain
VCE = −1V;
IC = −0.1 mA
30
-
-
VCE = −1V;
IC = −1mA
60
-
-
VCE = −1V;
IC = −10 mA
100
-
-
VCE = −1V;
IC = −150 mA
[1] 100
-
300
VCE = −2V;
IC = −500 mA
[1] 20
-
-
VCEsat
collector-emitter
saturation voltage
IC = −150 mA;
IB = −15 mA
[1] --
−400
mV
IC = −500 mA;
IB = −50 mA
[1] --
−750
mV
VBEsat
base-emitter
saturation voltage
IC = −150 mA;
IB = −15 mA
[1] --
−950
mV
IC = −500 mA;
IB = −50 mA
[1] --
−1300 mV
td
delay time
VCC = −29.5 V;
IC = −150 mA;
IBon = −15 mA;
IBoff =15mA;
VBB =3.5 V
--
15
ns
tr
rise time
-
-
30
ns
ton
turn-on time
-
-
40
ns
ts
storage time
-
-
300
ns
tf
fall time
-
-
50
ns
toff
turn-off time
-
-
350
ns
fT
transition frequency
VCE = −10 V;
IC = −20 mA;
f=100MHz
200
-
-
MHz
Cc
collector capacitance
VCB = −5V;
IE =ie =0A;
f=1MHz
--
8.5
pF
Ce
emitter capacitance
VEB = −500 mV;
IC =ic =0A;
f=1MHz
--
35
pF


Numéro de pièce similaire - PZT4403

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PZT4403 NXP-PZT4403 Datasheet
228Kb / 7P
   PNP switching transistor
Rev. 02-17 January 2008
logo
SeCoS Halbleitertechnol...
PZT4403 SECOS-PZT4403 Datasheet
930Kb / 2P
   Epitaxial Planar Transistor
logo
SHENZHEN YONGERJIA INDU...
PZT4403 WINNERJOIN-PZT4403 Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
PZT4403 JIANGSU-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results

Description similaire - PZT4403

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
PMBT4403 NEXPERIA-PMBT4403 Datasheet
736Kb / 14P
   40 V, 600 mA, PNP switching transistor
5 March 2015
PMST4403 NEXPERIA-PMST4403 Datasheet
815Kb / 13P
   40 V, 600 mA PNP switching transistor
1 August 2016
PZT4403 NEXPERIA-PZT4403 Datasheet
638Kb / 9P
   40 V, 600 mA PNP switching transistor
Rev. 03 - 2 March 2010
PMBT2227AYS-Q NEXPERIA-PMBT2227AYS-Q Datasheet
289Kb / 15P
   40 V, 600 mA, NPN/PNP double switching transistor
10 March 2022
PMBT2222AQA NEXPERIA-PMBT2222AQA Datasheet
242Kb / 14P
   40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2222AM NEXPERIA-PMBT2222AM Datasheet
219Kb / 12P
   40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2222AMB NEXPERIA-PMBT2222AMB Datasheet
221Kb / 12P
   40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2907AMB NEXPERIA-PMBT2907AMB Datasheet
224Kb / 13P
   60 V, 600 mA PNP switching transistor
21 September 2018
PXT2907A NEXPERIA-PXT2907A Datasheet
720Kb / 15P
   60 V, 600 mA, PNP switching transistor
3 August 2015
PMST2907A NEXPERIA-PMST2907A Datasheet
663Kb / 13P
   60 V, 600 mA PNP switching transistor
12 August 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com