Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si5322 Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce Si5322
Description  Pin-Controlled 1_710 MHz Jitter Cleaning Clock
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5322 Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button Si5322 Datasheet HTML 2Page - Silicon Laboratories Si5322 Datasheet HTML 3Page - Silicon Laboratories Si5322 Datasheet HTML 4Page - Silicon Laboratories Si5322 Datasheet HTML 5Page - Silicon Laboratories Si5322 Datasheet HTML 6Page - Silicon Laboratories Si5322 Datasheet HTML 7Page - Silicon Laboratories Si5322 Datasheet HTML 8Page - Silicon Laboratories Si5322 Datasheet HTML 9Page - Silicon Laboratories Si5322 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Si5317
6
Preliminary Rev. 0.15
Output Short to VDD
CKOISC+
VDD =3.63V
CML, LVDS, LVPECL
—25
30
mA
VDD =1.89V
CML, LVDS
—25
30
mA
VDD = 3.63 V
CMOS
190
200
mA
VDD =1.89V
CMOS
—70
80
mA
Disable
1.5
2
µA
Differential Output
Resistance
CKORD
CML, LVPECL, LVDS,
Disable
170
200
230
Common Mode Output
Resistance (to VDD)
CKORCM
CML, LVPECL, LVDS
85
100
115
Disable
1
M
Output Voltage Low
CKOVOLLH
CMOS
0.4
V
Output Voltage High
CKOVOHLH
VDD = 1.71 V
CMOS
0.8 x VDD
——
V
Output Drive Current
CKOIO
CMOS
Driving into CKOVOL for out-
put low or CKOVOH for output
high. CKOUT+ and CKOUT–
shorted externally.
VDD = 1.71 V
7.5
mA
VDD = 2.97 V
32
mA
2-Level LVCMOS Input Pins
Input Voltage Low
VIL
VDD =1.71V
0.5
V
VDD =2.25V
0.7
V
VDD =2.97V
0.8
V
Input Voltage High
VIH
VDD =1.89V
1.4
V
VDD =2.25V
1.8
V
VDD =3.63V
2.5
V
Input Low Current
IIL
——
50
µA
Input High Current
IIH
——
50
µA
Weak Internal Input Pull-up
Resistor
RPUP
—75
k
Table 2. DC Characteristics (Continued)
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Notes:
1. LVPECL outputs require VDD > 2.25 V.
2. This is the amount of leakage that the 3L inputs can tolerate from an external driver. See Figure 3 on page 9. In most
designs, an external resistor voltage divider is recommended.
3. No overshoot or undershoot.


Numéro de pièce similaire - Si5322

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5322-C-GM SKYWORKS-SI5322-C-GM Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322/23-EVB SKYWORKS-SI5322/23-EVB Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
More results

Description similaire - Si5322

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5317 SKYWORKS-SI5317 Datasheet
1Mb / 46P
   PIN-CONTROLLED 1–711 MHZ JITTER CLEANING CLOCK
Rev. 1.1
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Texas Instruments
LMK1D1204P TI-LMK1D1204P Datasheet
1Mb / 33P
[Old version datasheet]   LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer
SNAS830 ??SEPTEMBER 2021
LMK1D1208P TI-LMK1D1208P Datasheet
2Mb / 31P
[Old version datasheet]   LMK1D1208P Pin-Controlled OE Low Additive Jitter LVDS Buffer
OCTOBER 2021
logo
PHOENIX CONTACT
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
   Cleaning pen - CLEANING STICK
09/12/2020
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com