Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si8231BB-B-IS Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce Si8231BB-B-IS
Description  0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8231BB-B-IS Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button Si8231BB-B-IS Datasheet HTML 7Page - Silicon Laboratories Si8231BB-B-IS Datasheet HTML 8Page - Silicon Laboratories Si8231BB-B-IS Datasheet HTML 9Page - Silicon Laboratories Si8231BB-B-IS Datasheet HTML 10Page - Silicon Laboratories Si8231BB-B-IS Datasheet HTML 11Page - Silicon Laboratories Si8231BB-B-IS Datasheet HTML 12Page - Silicon Laboratories Si8231BB-B-IS Datasheet HTML 13Page - Silicon Laboratories Si8231BB-B-IS Datasheet HTML 14Page - Silicon Laboratories Si8231BB-B-IS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Si823x
Rev. 0.3
11
Table 4. Insulation and Safety-Related Specifications
Parameter
Symbol
Test
Condition
Value
Unit
WBSOIC-16
5kVRMS
NBSOIC-16
WBSOIC-16
2.5 kVRMS
14 LD
LGA
2.5 kVRMS
14 LD
LGA w/
Pad
1.5 kVRMS
Nominal Air Gap
(Clearance)1
L(1O1)
8.0
4.01
3.5
1.75
mm
Nominal External Tracking
(Creepage)1
L(1O2)
8.0
4.01
3.5
1.75
mm
Minimum Internal Gap
(Internal Clearance)
0.014
0.014
0.014
0.014
mm
Tracking Resistance
(Comparative Tracking
Index)
CTI
DIN IEC
60112/VDE
0303 Part 1
>175
>175
>175
>175
V
Resistance
(Input-Output)2
RIO
1012
1012
1012
1012
Capacitance
(Input-Output)2
CIO
f = 1 MHz
1.4
1.4
1.4
1.4
pF
Input Capacitance3
CI
4.0
4.0
4.0
4.0
pF
Notes:
1. The values in this table correspond to the nominal creepage and clearance values as detailed in “10. Package Outline:
16-Pin Wide Body SOIC” , “12. Package Outline: Narrow Body SOIC” , “14. Package Outline: 14 LD LGA (5 x 5 mm)” ,
and “16. Package Outline: 14 LD LGA with Thermal Pad (5 x 5 mm)” . VDE certifies the clearance and creepage limits
as 4.7 mm minimum for the NB SOIC-16 and 8.5 mm minimum for the WB SOIC-16 package. UL does not impose a
clearance and creepage minimum for component level certifications. CSA certifies the clearance and creepage limits
as 3.9 mm minimum for the NB SOIC 16 and 7.6 mm minimum for the WB SOIC-16 package.
2. To determine resistance and capacitance, the Si823x is converted into a 2-terminal device. Pins 1–8 (1-7, 14 LD LGA)
are shorted together to form the first terminal and pins 9–16 (8-14, 14 LD LGA) are shorted together to form the second
terminal. The parameters are then measured between these two terminals.
3. Measured from input pin to ground.
Table 5. IEC 60664-1 (VDE 0884 Part 2) Ratings
Parameter
Test Conditions
Specification
WB
SOIC-16
NB
SOIC-16
14 LD
LGA
14 LD
LGA
w/ Pad
Basic Isolation Group
Material Group
IIIa
IIIa
IIIa
IIIa
Installation Classification
Rated Mains Voltages < 150 VRMS
I-IV
I-IV
I-IV
I-IV
Rated Mains Voltages < 300 VRMS
I-IV
I-III
I-III
I-III
Rated Mains Voltages < 400 VRMS
I-III
I-III-III-II
Rated Mains Voltages < 600 VRMS
I-III
I-II
I-II
I-I


Numéro de pièce similaire - Si8231BB-B-IS

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI8231BB-AS SKYWORKS-SI8231BB-AS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8231BB-AS1 SKYWORKS-SI8231BB-AS1 Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
Si8231BB-D-IS SILABS-Si8231BB-D-IS Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI8231BB-D-IS SILABS-SI8231BB-D-IS Datasheet
994Kb / 59P
   Amp ISOdrivers
logo
Skyworks Solutions Inc.
SI8231BB-D-IS SKYWORKS-SI8231BB-D-IS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
More results

Description similaire - Si8231BB-B-IS

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
SI8281 SILABS-SI8281 Datasheet
954Kb / 43P
   4.0 Amp ISODrivers with Integrated DC-DC Converters
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com