Moteur de recherche de fiches techniques de composants électroniques |
|
STP16DPS05 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
STP16DPS05 Fiches technique(HTML) 4 Page - STMicroelectronics |
4 / 34 page Electrical ratings STP16DPS05 4/34 Doc ID 16538 Rev 2 2 Electrical ratings 2.1 Absolute maximum ratings Stressing the device above the rating listed in the Table 4 may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2.2 Thermal data Table 4. Absolute maximum ratings Symbol Parameter Value Unit VDD Supply voltage 0 to 7 V VO Output voltage -0.5 to 20 V IO Output current 100 mA VI Input voltage -0.4 to VDD V IGND GND terminal current 1600 mA fCLK Clock frequency 50 MHz TJ Junction temperature range (1) 1. Such absolute value is achieved according the thermal shutdown -40 to +170 °C Table 5. Thermal data Symbol Parameter Value Unit TOPR Operating temperature range -40 to +125 °C TSTG Storage temperature range -55 to +150 °C RthJA Thermal resistance junction- ambient (1) 1. According with JEDEC JESD51-7 SO-24 42.7 °C/W TSSOP24 55 °C/W TSSOP24(2) exposed pad 2. The exposed pad should be soldered directly to the PCB to realize the thermal benefits. 37.5 °C/W QSOP-24 55 °C/W |
Numéro de pièce similaire - STP16DPS05 |
|
Description similaire - STP16DPS05 |