Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCP8006 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TPCP8006
Description  Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8006 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TPCP8006 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8006 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8006 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8006 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8006 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8006 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8006 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCP8006
2009-12-08
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPCP8006
Notebook PC Applications
Portable Equipment Applications
• Small footprint due to small and thin package
• Low drain-source ON-resistance: RDS (ON) = 6.5 mΩ (typ.)
• High forward transfer admittance:|Yfs| = 36 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 20 V)
• Enhancement mode: Vth = 0.5 to 1.2 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
20
V
Gate-source voltage
VGSS
±12
V
DC
(Note 1)
ID
9.1
Drain current
Pulse
(Note 1)
IDP
36.4
A
Drain power dissipation (t
= 5 s)
(Note 2a)
PD
1.68
Drain power dissipation (t
= 5 s)
(Note 2b)
PD
0.84
W
Single pulse avalanche energy
(Note 3)
EAS
21.5
mJ
Avalanche current
IAR
9.1
A
Repetitive avalanche energy
(Note 4)
EAR
0.168
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 5, refer to the next page.
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e.operating temperature/current/voltage,
etc.) are within the absolute maximum ratings. Please design the
appropriate reliability upon reviewing the Toshiba Semiconductor
Reliability Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
1,2,3 :SOURCE
4
GATE
5,6,7,8:DRAIN
0.8
± 0.05
4
5
8
0.475
S
0.025 S
M
0.05
A
1
M
0.05
B
0.65
A
B
2.9
± 0.1
0.33
± 0.05
0.17
± 0.02
0.28
0.1
0.11
1.12
0.13
0.12
1.12
0.13
0.12
0.28
0.1
0.11
JEDEC
JEITA
TOSHIBA
2-3V1K
Weight: 0.017g (typ.)
Circuit Configuration
Marking (Note 5)
1
2
3
4
8
7
6
5
Lot No.
1
2
3
4
8
7
6
5
8006
*


Numéro de pièce similaire - TPCP8006

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCP8006 TOSHIBA-TPCP8006 Datasheet
191Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPCP8006 TOSHIBA-TPCP8006 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Description similaire - TPCP8006

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
   Notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6001 TOSHIBA-TPC6001 Datasheet
200Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8A01 TOSHIBA-TPCF8A01 Datasheet
329Kb / 9P
   Notebook PC Applications Portable Equipment Applications
TPC6101 TOSHIBA-TPC6101 Datasheet
155Kb / 6P
   Notebook PC Applications Portable Equipment Applications
TPC6103 TOSHIBA-TPC6103_06 Datasheet
282Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8003 TOSHIBA-TPCF8003 Datasheet
238Kb / 7P
   notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com