Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCC8009 Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TPCC8009
Description  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCC8009 Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TPCC8009 Datasheet HTML 1Page - Toshiba Semiconductor TPCC8009 Datasheet HTML 2Page - Toshiba Semiconductor TPCC8009 Datasheet HTML 3Page - Toshiba Semiconductor TPCC8009 Datasheet HTML 4Page - Toshiba Semiconductor TPCC8009 Datasheet HTML 5Page - Toshiba Semiconductor TPCC8009 Datasheet HTML 6Page - Toshiba Semiconductor TPCC8009 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCC8009
2010-01-05
5
0
0.1
−0.2
100
−0.6
−0.8
−1.0
VGS = 0 V
10
4.5
6
−0.4
1
10
0.1
100
1000
10000
1
10
100
Ciss
Coss
Crss
0
0.5
2
−80
−40
0
40
80
120
160
3
160
−40
0
40
80
120
−80
0
VGS = 10 V
0
40
VDD = 24 V
VDS = 24 V
6
12
16
VGS = 6 V
1.5
2.5
16
8
12
1
ID = 6, 12, 24 A
32
8
4
24
10
0
5
20
15
30
25
ID = 6, 12, 24 A
−1.2
1
10
VGS
6
12
0
5
20
15
30
25
10
Drain-source voltage VDS (V)
Capacitance – VDS
Drain-source voltage VDS (V)
IDR – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
RDS (ON) – Ta
Total gate charge Qg (nC)
Dynamic input/output
characteristics
Common source
Ta
= 25°C
Pulse test
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Common source
VDS = 10 V
ID = 0.2 mA
Pulse test
Common source
Pulse test
Common source
ID = 24 A
Ta
= 25°C
Pulse test


Numéro de pièce similaire - TPCC8009

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCC8009 TOSHIBA-TPCC8009 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Description similaire - TPCC8009

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com