Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXMD63P03X Fiches technique(PDF) 1 Page - Zetex Semiconductors

No de pièce ZXMD63P03X
Description  DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMD63P03X Fiches technique(HTML) 1 Page - Zetex Semiconductors

  ZXMD63P03X Datasheet HTML 1Page - Zetex Semiconductors ZXMD63P03X Datasheet HTML 2Page - Zetex Semiconductors ZXMD63P03X Datasheet HTML 3Page - Zetex Semiconductors ZXMD63P03X Datasheet HTML 4Page - Zetex Semiconductors ZXMD63P03X Datasheet HTML 5Page - Zetex Semiconductors ZXMD63P03X Datasheet HTML 6Page - Zetex Semiconductors ZXMD63P03X Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Top View
SUMMARY
V(BR)DSS=-30V; RDS(ON)=0.185 ; ID=-2.0A
DESCRIPTION
This new generation of high density MOSFETs from Zetex utilises a unique
structure that combines the benefits of low on-resistance with fast switching
speed. This makes them ideal for high efficiency, low voltage, power
management applications.
FEATURES
• Low on-resistance
• Fast switching speed
• Low threshold
• Low gate drive
• Low profile SOIC package
APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Disconnect switches
• Motor control
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH (mm)
QUANTITY
PER REEL
ZXMD63P03XTA
7
12mm embossed
1000 units
ZXMD63P03XTC
13
12mm embossed
4000 units
DEVICE MARKING
• ZXM63P03
DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
MSOP8
ZXMD63P03X
49
PROVISIONAL ISSUE A - JULY 1999


Numéro de pièce similaire - ZXMD63P03X

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P03X DIODES-ZXMD63P03X Datasheet
345Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63P03XTA ZETEX-ZXMD63P03XTA Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P03XTA DIODES-ZXMD63P03XTA Datasheet
345Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63P03XTC ZETEX-ZXMD63P03XTC Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Description similaire - ZXMD63P03X

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
PJL9809 PANJIT-PJL9809 Datasheet
358Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
April 5,2017-REV.01
PJL9811 PANJIT-PJL9811 Datasheet
371Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
logo
Zetex Semiconductors
ZXMP3A16DN8 ZETEX-ZXMP3A16DN8 Datasheet
155Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A17DN8 DIODES-ZXMP3A17DN8 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A16DN8 DIODES-ZXMP3A16DN8_15 Datasheet
161Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X_05 Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 ZETEX-ZXMP3A17DN8 Datasheet
122Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P03X DIODES-ZXMD63P03X Datasheet
345Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3028LSD DIODES-DMP3028LSD_15 Datasheet
245Kb / 6P
   30V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 DIODES-ZXMP3A17DN8_15 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com