Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXMD63P02X Fiches technique(PDF) 5 Page - Zetex Semiconductors

No de pièce ZXMD63P02X
Description  DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMD63P02X Fiches technique(HTML) 5 Page - Zetex Semiconductors

  ZXMD63P02X Datasheet HTML 1Page - Zetex Semiconductors ZXMD63P02X Datasheet HTML 2Page - Zetex Semiconductors ZXMD63P02X Datasheet HTML 3Page - Zetex Semiconductors ZXMD63P02X Datasheet HTML 4Page - Zetex Semiconductors ZXMD63P02X Datasheet HTML 5Page - Zetex Semiconductors ZXMD63P02X Datasheet HTML 6Page - Zetex Semiconductors ZXMD63P02X Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
0.1
100
12.5
4
0.1
10
0.2
0.8
1.4
200
50
-100
0.1
10
100
-VDS - Drain-Source Voltage (V)
Output Characteristics
0.1
VDS=-10V
10
0.1
-VGS - Gate-Source Voltage (V)
Typical Transfer Characteristics
10
1
-ID - Drain Current (A)
On-Resistance v Drain Current
0.1
-VDS - Drain-Source Voltage (V)
Output Characteristics
1.0
Tj - Junction Temperature (°C)
Normalised RDS(on) and VGS(th)
v Temperature
10
1
0.01
-VSD - Source-Drain Voltage (V)
Source-Drain Diode Forward Voltage
T=150°C
T=25°C
+150°C
T=150 C
VGS=-4.5V
T=25 C
RDS(on)
ID=-1.2A
VGS=VDS
ID=-250uA
VGS(th)
1.5
3
23.5
1
0.4
1.0
0.6
1.2
0.1
1
-VGS
3V
2.5V
2V
3.5V
4V
4.5V
5V
+25 C
1
110
10
0.4
1.2
0.6
0.8
1.4
1.6
150
0
-50
100
0.1
1
VGS=-3V
VGS=-5V
5V
4.5V
4V
10
1
2V
-VGS
2.5V
3V
3.5V
4.5
TYPICAL CHARACTERISTICS
45
ZXMD63P02X
PROVISIONAL ISSUE A - JUNE 1999


Numéro de pièce similaire - ZXMD63P02X

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXMD63P02X DIODES-ZXMD63P02X Datasheet
210Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63P02XTA DIODES-ZXMD63P02XTA Datasheet
210Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63P02XTC DIODES-ZXMD63P02XTC Datasheet
210Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63P02X DIODES-ZXMD63P02X_15 Datasheet
210Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Description similaire - ZXMD63P02X

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
ZXMD65P02N8 ZETEX-ZXMD65P02N8_04 Datasheet
54Kb / 4P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
FDY1002PZ TECHPUBLIC-FDY1002PZ Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMD65P02N8 ZETEX-ZXMD65P02N8 Datasheet
65Kb / 4P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P02X DIODES-ZXMD63P02X_15 Datasheet
210Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
NTZD3152PT1G TECHPUBLIC-NTZD3152PT1G Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET‘
logo
Diodes Incorporated
ZXMD63P02X DIODES-ZXMD63P02X Datasheet
210Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
TPM2299EX6 TECHPUBLIC-TPM2299EX6 Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM7104D TSC-TSM7104D Datasheet
135Kb / 3P
   20V Dual P-Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
DMG1023UV TECHPUBLIC-DMG1023UV Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
TPM2299EX6-1 TECHPUBLIC-TPM2299EX6-1 Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com