Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8629S Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8629S
Description  Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8629S Fiches technique(HTML) 7 Page - Analog Devices

  AD8629S Datasheet HTML 1Page - Analog Devices AD8629S Datasheet HTML 2Page - Analog Devices AD8629S Datasheet HTML 3Page - Analog Devices AD8629S Datasheet HTML 4Page - Analog Devices AD8629S Datasheet HTML 5Page - Analog Devices AD8629S Datasheet HTML 6Page - Analog Devices AD8629S Datasheet HTML 7Page - Analog Devices AD8629S Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD8629S
ASD0016529 Rev. C | Page 7 of 8
7.0
7.1.
Application Notes
The AD8629 is a single-supply, ultrahigh precision rail-to-rail input and output operational amplifier. The
typical offset voltage of less than 1 μV allows this amplifier to be easily configured for high gains without risk
of excessive output voltage errors. The extremely small temperature drift ensures a minimum offset voltage
error over their entire temperature range of
−55°C to +125°C, making this amplifier ideal for a variety of
sensitive measurement applications in harsh operating environments.
Functional Description
The AD8629 achieves a high degree of precision through a patented combination of auto-zeroing and
chopping. This unique topology allows the AD8629 to maintain its low offset voltage over a wide temperature
range. The AD8629 also optimizes the noise and bandwidth over previous generations of auto-zero
amplifiers, offering the lowest voltage noise of any auto-zero amplifier by more than 50%.
Previous designs used either auto-zeroing or chopping to add precision to the specifications of an amplifier.
Auto-zeroing results in low noise energy at the auto-zeroing frequency, at the expense of higher low
frequency noise due to aliasing of wideband noise into the auto-zeroed frequency band. Chopping results in
lower low frequency noise at the expense of larger noise energy at the chopping frequency. The AD8629 uses
both auto-zeroing and chopping in a patented ping-pong arrangement to obtain lower low frequency noise
together with lower energy at the chopping and auto-zeroing frequencies, maximizing the signal-to-noise ratio
for the majority of applications without the need for additional filtering. The relatively high clock frequency of
15 kHz simplifies filter requirements for a wide, useful noise-free bandwidth.
The AD8629 has low noise over a relatively wide bandwidth (0 Hz to 10 kHz) and can be used where the
highest dc precision is required. In systems with signal bandwidths of from 5 kHz to 10 kHz, the AD8629
provides true 16-bit accuracy, making it the best choice for very high resolution systems.
7.2. Input Overvoltage Protection
Although the AD8629 are rail-to-rail input amplifiers, care should be taken to ensure that the potential
difference between the inputs does not exceed the supply voltage. Under normal negative feedback operating
conditions, the amplifier corrects its output to ensure that the two inputs are at the same voltage. However, if
either input exceeds either supply rail by more than 0.3 V, large currents begin to flow through the ESD
protection diodes in the amplifier.
These diodes are connected between the inputs and each supply rail to protect the input transistors against
an electrostatic discharge event, and they are normally reverse-biased. However, if the input voltage exceeds
the supply voltage, these ESD diodes can become forward-biased. Without current limiting, excessive
amounts of current could flow through these diodes, causing permanent damage to the device. If inputs are
subject to overvoltage, appropriate series resistors should be inserted to limit the diode current to less than 5
mA maximum.
7.3.
Output phase reversal occurs in some amplifiers when the input common-mode voltage range is exceeded.
As common-mode voltage is moved outside the common-mode range, the outputs of these amplifiers can
suddenly jump in the opposite direction to the supply rail. This is the result of the differential input pair shutting
down, causing a radical shifting of internal voltages that result in the erratic output behavior.
Output Phase Reversal
The AD8629 amplifiers have been carefully designed to prevent any output phase reversal, provided that both
inputs are maintained within the supply voltages. If one or both inputs could exceed either supply voltage, a
resistor should be placed in series with the input to limit the current to less than 5 mA. This ensures that the
output does not reverse its phase.
7.4. Overload Recovery Time
Many auto-zero amplifiers are plagued by a long overload recovery time, often in ms, due to the complicated
settling behavior of the internal nulling loops after saturation of the outputs. The AD8629 has been designed
so that internal settling occurs within two clock cycles after output saturation occurs. This results in a much
shorter recovery time, less than 10 μs, when compared to other auto-zero amplifiers. The wide bandwidth of
the AD8629 enhances performance when the parts are used to drive loads that inject transients into the
outputs. This is a common situation when an amplifier is used to drive the input of switched capacitor ADCs.


Numéro de pièce similaire - AD8629S

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8629S AD-AD8629S Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
More results

Description similaire - AD8629S

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
AD8628ART AD-AD8628ART Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8629 AD-AD8629 Datasheet
476Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
REV. C
AD8628 AD-AD8628_05 Datasheet
410Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. E
AD8628 AD-AD8628 Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8628 AD-AD8628_08 Datasheet
432Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8629-EP AD-AD8629-EP Datasheet
252Kb / 8P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. A
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com