Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4-1987376-2 Fiches technique(PDF) 8 Page - Tyco Electronics

No de pièce 4-1987376-2
Description  SOLARLOK Photovoltaic Interconnection System
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1987376-2 Fiches technique(HTML) 8 Page - Tyco Electronics

Back Button 4-1987376-2 Datasheet HTML 4Page - Tyco Electronics 4-1987376-2 Datasheet HTML 5Page - Tyco Electronics 4-1987376-2 Datasheet HTML 6Page - Tyco Electronics 4-1987376-2 Datasheet HTML 7Page - Tyco Electronics 4-1987376-2 Datasheet HTML 8Page - Tyco Electronics 4-1987376-2 Datasheet HTML 9Page - Tyco Electronics 4-1987376-2 Datasheet HTML 10Page - Tyco Electronics 4-1987376-2 Datasheet HTML 11Page - Tyco Electronics 4-1987376-2 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Small Junction Box – Serial Interconnection
SOLARLOK Photovoltaic Interconnection System
Catalog 889753-3
Revised 9-2009
All dimensions are in millimeters unless otherwise specified. All specifications subject to change.
Consult Tyco Electronics for latest specifications.
6
Junction Box with Mounted Cable and Connectors
Part Number
Contact
Rails
Diodes
Cable Length
(mm)
Wire Size
(mm2)
Rated Current
(IEC 61215, Edition 2)
(Ampere)
1740425-5
3
2
6.5
1,000
4.0
1987225-6
3
2
10.5
1,000
4.0
1987252-1
3
2
14.0
1,000
4.0
Junction Box with Connector Outlet
Part Number
Contact
Rails
Diodes
Rated Current
(IEC 61215, Edition 2)
(Ampere)
1418867-6
3
2
6.5
1987459-1
3
2
10.5
1987777-1
3
2
14.0
W: 90 mm
H: 22 mm
+
Standard mounting on the panel with silicone glue (approved types see application specification).
Optional with double-sided adhesive tape (specifications of the adhesive tape can be found in the
datasheets of the manufacturer).
All mentioned versions are standard. Plus-connection see drawing.


Numéro de pièce similaire - 4-1987376-2

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
4-1982564 TEC-4-1982564 Datasheet
9Mb / 18P
   STANDARD AND CUSTOM ANTENNAS FOR IOT
4-1982564-1 TEC-4-1982564-1 Datasheet
2Mb / 2P
   2400-2500 & 5150-5875 MHz DUAL BAND ANTENNA
4-1982564-1 TEC-4-1982564-1 Datasheet
9Mb / 18P
   STANDARD AND CUSTOM ANTENNAS FOR IOT
More results

Description similaire - 4-1987376-2

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
List of Unclassifed Man...
SMS9H1 ETC2-SMS9H1 Datasheet
508Kb / 8P
   TRIM TRIO INTERCONNECTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com