Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D02413-000 Fiches technique(PDF) 7 Page - Tyco Electronics

No de pièce D02413-000
Description  Metal Oxide Varistors Overvoltage Protection Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

D02413-000 Fiches technique(HTML) 7 Page - Tyco Electronics

Back Button D02413-000 Datasheet HTML 2Page - Tyco Electronics D02413-000 Datasheet HTML 3Page - Tyco Electronics D02413-000 Datasheet HTML 4Page - Tyco Electronics D02413-000 Datasheet HTML 5Page - Tyco Electronics D02413-000 Datasheet HTML 6Page - Tyco Electronics D02413-000 Datasheet HTML 7Page - Tyco Electronics D02413-000 Datasheet HTML 8Page - Tyco Electronics D02413-000 Datasheet HTML 9Page - Tyco Electronics D02413-000 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Metal Oxide Varistors
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: ROV10, ROV10H
10mm Series
DOCUMENT: SCD 25482
PCN:
REV LETTER: D
REV DATE: JULY 19, 2007
PAGE NO.: 7 of 10
DIMENSIONS
A max.
E
C max.
B
D
15 max.
A max.
E
C max.
F
B1
D
1
λ
λ
KINKED LEAD TYPE
STRAIGHT LEAD TYPE (-S)
Dimension Table
Table of C max., F, and B1 max.
A max.
12.5
λ ± 0.05
0.8
E ± 1.0
7.5
B max.
18.0
D1 min.
25.0
D min.
24.0
Type No.
C max.
F±0.8
B1 max.
180M
4.9
0.8
15.5
220L
4.9
0.9
15.5
270K
5.1
0.9
15.5
330K
5.1
1.0
15.5
390K
5.1
1.2
15.5
470K
5.5
1.2
15.5
560K
5.5
1.4
15.5
680K
6.0
1.7
15.5
820K
4.3
0.8
15.5
101K
4.4
0.8
15.5
121K
4.5
0.9
15.5
151K
4.9
1.2
15.5
181K
4.5
1.0
15.5
201K
4.6
1.0
15.5
221K
4.7
1.1
15.5
241K
4.8
1.3
15.5
271K
5.0
1.4
15.5
301K
5.2
1.6
15.5
331K
5.3
1.6
15.5
361K
5.5
1.9
15.5
391K
5.7
2.2
16.0
431K
6.5
2.5
16.0
471K
6.8
2.6
16.0
511K
7.0
3.1
16.5
561K
7.3
3.4
16.5
621K
7.6
4.0
16.5
681K
8.0
4.4
16.5
751K
8.4
4.4
16.5
781K
8.6
4.6
16.5
821K
8.8
4.6
16.5
911K
9.4
5.4
16.5
102K
9.9
5.4
16.5
112K
10.5
5.7
16.5
182K
12.6
9.8
18.5


Numéro de pièce similaire - D02413-000

FabricantNo de pièceFiches techniqueDescription
logo
Japan Aviation Electron...
D02-22-22S-PKG100 JAE-D02-22-22S-PKG100 Datasheet
80Kb / 1P
   REDRAWN AND CHANGED TITLE
D02-22-26P-0001 JAE-D02-22-26P-0001 Datasheet
79Kb / 1P
   REDRAWN AND CHANGED TITLE
D02-22-26P-PKG100 JAE-D02-22-26P-PKG100 Datasheet
79Kb / 1P
   REDRAWN AND CHANGED TITLE
D02-22-26S-0001 JAE-D02-22-26S-0001 Datasheet
80Kb / 1P
   REDRAWN AND CHANGED TITLE
D02-22-26S-PKG100 JAE-D02-22-26S-PKG100 Datasheet
80Kb / 1P
   REDRAWN AND CHANGED TITLE
More results

Description similaire - D02413-000

FabricantNo de pièceFiches techniqueDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com