Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMG1012UW-7 Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce DMG1012UW-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG1012UW-7 Fiches technique(HTML) 4 Page - Diodes Incorporated

  DMG1012UW-7 Datasheet HTML 1Page - Diodes Incorporated DMG1012UW-7 Datasheet HTML 2Page - Diodes Incorporated DMG1012UW-7 Datasheet HTML 3Page - Diodes Incorporated DMG1012UW-7 Datasheet HTML 4Page - Diodes Incorporated DMG1012UW-7 Datasheet HTML 5Page - Diodes Incorporated DMG1012UW-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMG1012UW
Document number: DS31859 Rev. 3 - 2
4 of 6
www.diodes.com
October 2009
© Diodes Incorporated
DMG1012UW
1
10
100
0
5
10
15
20
Fig. 9 Typical Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Ciss
C
oss
Crss
1
10
100
1,000
04
8
12
16
20
Fig. 10 Typical Drain-Source Leakage Current
vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 11 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 486°C/W
θ
θ
JA
JA
P(pk)
t1
t
2
D = 0.7
D = 0.5
D = 0.3
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.1
Ordering Information (Note 7)
Part Number
Case
Packaging
DMG1012UW-7
SOT-323
3000 / Tape & Reel
Notes:
7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2009
2010
2011
2012
2013
2014
2015
Code
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
NA1 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: W = 2009)
M = Month (ex: 9 = September)
NA1


Numéro de pièce similaire - DMG1012UW-7

FabricantNo de pièceFiches techniqueDescription
logo
TECH PUBLIC Electronics...
DMG1012UW TECHPUBLIC-DMG1012UW Datasheet
2Mb / 5P
   N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1012UWQ DIODES-DMG1012UWQ Datasheet
530Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
September 2020 Rev. 3 - 2
DMG1012UWQ-13 DIODES-DMG1012UWQ-13 Datasheet
530Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
September 2020 Rev. 3 - 2
DMG1012UWQ-7 DIODES-DMG1012UWQ-7 Datasheet
530Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
September 2020 Rev. 3 - 2
DMG1012UW DIODES-DMG1012UW_15 Datasheet
178Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Description similaire - DMG1012UW-7

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com