Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3V712ERTGR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS3V712ERTGR
Description  7-CHANNEL VIDEO SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS3V712ERTGR Fiches technique(HTML) 3 Page - Texas Instruments

  TS3V712ERTGR Datasheet HTML 1Page - Texas Instruments TS3V712ERTGR Datasheet HTML 2Page - Texas Instruments TS3V712ERTGR Datasheet HTML 3Page - Texas Instruments TS3V712ERTGR Datasheet HTML 4Page - Texas Instruments TS3V712ERTGR Datasheet HTML 5Page - Texas Instruments TS3V712ERTGR Datasheet HTML 6Page - Texas Instruments TS3V712ERTGR Datasheet HTML 7Page - Texas Instruments TS3V712ERTGR Datasheet HTML 8Page - Texas Instruments TS3V712ERTGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TS3V712E
www.ti.com
SCDS292 – JANUARY 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage range
–0.5
4.6
V
VIN
Control input voltage range(2) (3)
SEL
–0.5
7
V
VI/O
Switch I/O voltage range(2) (3) (4)
All I/O ports
–0.5
7
V
IIK
Control input clamp current
VIN < 0 V
–50
mA
II/OK
I/O port clamp current
VI/O < 0 V
–50
mA
II/O
ON-state switch current(5)
ON-state switch
±128
mA
Continuous current through VDD or GND
±100
mA
qJA
Package thermal impedance
RTG package(6)
39.2
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
VI and VO are used to denote specific conditions for VI/O.
(5)
II and IO are used to denote specific conditions for II/O.
(6)
The package thermal impedance is calculated in accordance with JESD 51-5 (High K with via).
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VDD
Supply voltage
3
3.6
V
VIN
Control input voltage (SEL)
0
5.5
V
VIH
High-level control input voltage (SEL)
2
V
VIL
Low-level control input voltage (EN, IN)
–0.5
0.8
V
VI/O
I/O voltage (all ports)
0
VDD
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VDD or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS3V712E


Numéro de pièce similaire - TS3V712ERTGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
More results

Description similaire - TS3V712ERTGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
Texas Instruments
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
Pericom Semiconductor C...
PI3V713 PERICOM-PI3V713 Datasheet
933Kb / 9P
   3.3V, 7-Channel Analog Video Switch with Automatic Switching
logo
Siemens Semiconductor G...
TDA6920 SIEMENS-TDA6920 Datasheet
1Mb / 20P
   7 x 5 Video Matrix Switch
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
   Capacitor-less Video Amp with 7:2 Video Switch
logo
Texas Instruments
TS3V713EL TI1-TS3V713EL Datasheet
723Kb / 20P
[Old version datasheet]   7-CHANNEL, 1:2 VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
Pericom Semiconductor C...
PI3V712-A PERICOM-PI3V712-A Datasheet
80Kb / 2P
   3.3V, 7-Channel Analog Video Switch with Dual Control Logic
logo
Asahi Kasei Microsystem...
AK4220 AKM-AK4220 Datasheet
552Kb / 33P
   7:3 Audio Switch and 6:3 Video Switch
logo
Hitachi Semiconductor
HA11513 HITACHI-HA11513 Datasheet
198Kb / 3P
   5 Channel Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com