Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2560DRC Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS2560DRC
Description  DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2560DRC Fiches technique(HTML) 5 Page - Texas Instruments

  TPS2560DRC Datasheet HTML 1Page - Texas Instruments TPS2560DRC Datasheet HTML 2Page - Texas Instruments TPS2560DRC Datasheet HTML 3Page - Texas Instruments TPS2560DRC Datasheet HTML 4Page - Texas Instruments TPS2560DRC Datasheet HTML 5Page - Texas Instruments TPS2560DRC Datasheet HTML 6Page - Texas Instruments TPS2560DRC Datasheet HTML 7Page - Texas Instruments TPS2560DRC Datasheet HTML 8Page - Texas Instruments TPS2560DRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Charge
Pump
Driver
UVLO
Current
Limit
Thermal
Sense
9-ms Deglitch
IN
GND
EN1
ILIM
OUT1
FAULT1
CS
Current
Sense
CS
EN2
OUT2
Thermal
Sense
9-ms Deglitch
FAULT2
Current
Sense
TPS2560
TPS2561
www.ti.com
SLVS930 – DECEMBER 2009
DEVICE INFORMATION
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TPS2560
TPS2561
4
-
I
Enable input, logic low turns on channel one
EN1
power switch
EN1
-
4
I
Enable input, logic high turns on channel one
power switch
5
-
I
Enable input, logic low turns on channel two
EN2
power switch
EN2
-
5
I
Enable input, logic high turns on channel two
power switch
GND
1
1
Ground connection; connect externally to
PowerPAD
IN
2, 3
2, 3
I
Input voltage; connect a 0.1
μF or greater
ceramic capacitor from IN to GND as close to the
IC as possible.
FAULT1
10
10
O
Active-low open-drain output, asserted during
overcurrent or overtemperature condition on
channel one.
FAULT2
6
6
O
Active-low open-drain output, asserted during
overcurrent or overtemperature condition on
channel two
OUT1
9
9
O
Power-switch output for channel one
OUT2
8
8
O
Power-switch output for channel two
ILIM
7
7
O
External resistor used to set current-limit
threshold; recommended 20 k
Ω ≤ RILIM ≤ 187 kΩ.
Internally connected to GND; used to heat-sink
PowerPAD
PAD
PAD
the part to the circuit board traces. Connect
PowerPAD to GND pin externally.
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2560 TPS2561


Numéro de pièce similaire - TPS2560DRC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2560DRC TI-TPS2560DRC Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560DRCR TI-TPS2560DRCR Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560DRCR TI1-TPS2560DRCR Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560DRCT TI-TPS2560DRCT Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560DRCT TI1-TPS2560DRCT Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
More results

Description similaire - TPS2560DRC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com